Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DBMS11W1PY101 Datasheet(PDF) 28 Page - ITT Industries

Part # DBMS11W1PY101
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMS11W1PY101 Datasheet(HTML) 28 Page - ITT Industries

Back Button DBMS11W1PY101 Datasheet HTML 24Page - ITT Industries DBMS11W1PY101 Datasheet HTML 25Page - ITT Industries DBMS11W1PY101 Datasheet HTML 26Page - ITT Industries DBMS11W1PY101 Datasheet HTML 27Page - ITT Industries DBMS11W1PY101 Datasheet HTML 28Page - ITT Industries DBMS11W1PY101 Datasheet HTML 29Page - ITT Industries DBMS11W1PY101 Datasheet HTML 30Page - ITT Industries DBMS11W1PY101 Datasheet HTML 31Page - ITT Industries DBMS11W1PY101 Datasheet HTML 32Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
Cannon Combo-D
Military/High Reliability
C-28
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
40 A High Power Straight PCB Receptacle, Sizes DE-DC
*For other hardware options, see Combo D Catalog.
*** Hardware Modifier not allowed on Non-Magnetic/ Low Outgassing Versions; consult factory for more information.
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
.
40 A High power inserted with straight contacts and standoff with UNC 4-40 thread
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC**/LOW OUTGASSING***
Shell
Layout
P/N without
P/N with
P/N without
P/N with
P/N with
P/N with
size
pushfit
pushfit
pushfit
pushfit
Cadmium Plating
Gold Plating
DE
2W2
DEMV2H2SNA197
DEMZ2H2S-NA197
DEMMV2H2S-N
DEMMZ2H2S-N
DEM2H2S-NNMB
DEM2H2S-NNMBK52
DE
2WK2
DEMV2HK2SNA197
DEMZ2HK2S-NA197
DEMMV2HK2S-N
DEMMZ2HK2S-N
DEM2HK2S-NNMB
DEM2HK2S-NNMBK52
DE
5W1
DEMV5H1SNA197
DEMZ5H1S-NA197
DEMMV5H1S-N
DEMMZ2HK2S-N
DEM5H1S-NNMB
DEM5H1S-NNMBK52
DA
7W2
DAMV7H2SNA197
DAMZ7H2S-NA197
DAMMV7H2S-N
DAMMZ7H2S-N
DAM7H2S-NNMB
DAM7H2S-NNMBK52
DA
11W1
DAMV11H1SNA197
DAMZ11H1S-NA197
DAMMV11H1S-N
DAMMZ11H1S-N
DAM11H1S-NNMB
DAM11H1S-NNMBK52
DA
3W3
DAMV3H3SNA197
DAMZ3H3S-NA197
DAMMV3H3S-N
DAMMZ3H3S-N
DAM3H3S-NNMB
DAM3H3S-NNMBK52
DA
3WK3
DAMV3HK3SNA197
DAMZ3HK3S-NA197
DAMMV3HK3S-N
DAMMZ3HK3S-N
DAM3HK3S-NNMB
DAM3HK3S-NNMBK52
DB
5W5
DBMV5H5SNA197
DBMZ5H5S-NA197
DBMMV5H5S-N
DBMMZ5H5S-N
DBM5H5S-NNMB
DBM5H5S-NNMBK52
DB
9W4
DBMV9H4SNA197
DBMZ9H4S-NA197
DBMMV9H4S-N
DBMMZ9H4S-N
DBM9H4S-NNMB
DBM9H4S-NNMBK52
DB
13W3
DBMV13H3SNA197
DBMZ13H3S-NA197
DBMMV13H3S-N
DBMMZ13H3S-N
DBM13H3S-NNMB
DBM13H3S-NNMBK52
DB
17W2
DBMV17H2SNA197
DBMZ17H2S-NA197
DBMMV17H2S-N
DBMMZ17H2S-N
DBM17H2S-NNMB
DBM17H2S-NNMBK52
DB
21W1
DBMV21H1SNA197
DBMZ21H1S-NA197
DBMMV21H1S-N
DBMMZ21H1S-N
DBM21H1S-NNMB
DBM21H1S-NNMBK52
DC
8W8
DCMV8H8SNA197
DCMZ8H8S-NA197
DCMMV8H8S-N
DCMMZ8H8S-N
DCM8H8S-NNMB
DCM8H8S-NNMBK52
DC
13W6
DCMV13H6SNA197
DCMZ13H6S-NA197
DCMMV13H6S-N
DCMMZ13H6S-N
DCM13H6S-NNMB
DCM13H6S-NNMBK52
DC
17W5
DCMV17H5SNA197
DCMZ17H5S-NA197
DCMMV17H5S-N
DCMMZ17H5S-N
DCM17H5S-NNMB
DCM17H5S-NNMBK52
DC
21WA4
DCMV21HA4SNA197
DCMZ21HA4S-NA197
DCMMV21HA4S-N
DCMMZ21HA4S-N
DCM21HA4S-NNMB
DCM21HA4S-NNMBK52
DC
25W3
DCMV25H3SNA197
DCMZ25H3S-NA197
DCMMV25H3S-N
DCMMZ25H3S-N
DCM25H3S-NNMB
DCM25H3S-NNMBK52
DC
27W2
DCMV27H2SNA197
DCMZ27H2S-NA197
DCMMV27H2S-N
DCMMZ27H2S-N
DCM27H2S-NNMB
DCM27H2S-NNMBK52
Receptacle
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,65 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2,500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DD
66,93 (2,635)
52,42 (2,406)
61,11 (2,406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Dimensions
Ø 3,18 (0,125’)
Ø 0,6 (0,024’)
B
C
A
10ϒ
5
4
3
1
2
A1
A2
ITT
CANNON
7W25
40 A High power straight inserted with straight contacts and standoff with 4-40 thread
Shell size Layout
P/N Industrial
P/N Military
P/N Base*
DD
24W7
DDM24H7S-NA197
DDMM24H7S-N
DDM24H7S-NNMBK52
DD
36W4
DDM36H4S-NA197
DDMM36H4S-N
DDM36H4S-NNMBK52
DD
43W2
DDM43H2S-NA197
DDMM43H2S-N
DDM43H2S-NNMBK52
DD
47W1
DDM47H1S-NA197
DDMM47H1S-N
DDM47H1S-NNMBK52
*For other hardware options, see Combo D Catalog.
***Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions; consult factory for more information.
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com