Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN3R3-60PL Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PSMN3R3-60PL
Description  N-channel 60 V, 3.4 m廓 logic level MOSFET in SOT78
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN3R3-60PL Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PSMN3R3-60PL Datasheet HTML 5Page - NXP Semiconductors PSMN3R3-60PL Datasheet HTML 6Page - NXP Semiconductors PSMN3R3-60PL Datasheet HTML 7Page - NXP Semiconductors PSMN3R3-60PL Datasheet HTML 8Page - NXP Semiconductors PSMN3R3-60PL Datasheet HTML 9Page - NXP Semiconductors PSMN3R3-60PL Datasheet HTML 10Page - NXP Semiconductors PSMN3R3-60PL Datasheet HTML 11Page - NXP Semiconductors PSMN3R3-60PL Datasheet HTML 12Page - NXP Semiconductors PSMN3R3-60PL Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NXP Semiconductors
PSMN3R3-60PL
N-channel 60 V, 3.4 mΩ logic level MOSFET in SOT78
PSMN3R3-60PL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
7 February 2013
13 / 13
13. Contents
1
General description ............................................... 1
2
Features and benefits ............................................1
3
Applications ........................................................... 1
4
Quick reference data ............................................. 1
5
Pinning information ...............................................2
6
Ordering information .............................................2
7
Marking ................................................................... 2
8
Limiting values .......................................................2
9
Thermal characteristics .........................................4
10
Characteristics .......................................................5
11
Package outline ................................................... 10
12
Legal information .................................................11
12.1
Data sheet status ............................................... 11
12.2
Definitions ...........................................................11
12.3
Disclaimers .........................................................11
12.4
Trademarks ........................................................ 12
© NXP B.V. 2013. All rights reserved
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 7 February 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com