Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAS3022BCPZ-RL7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAS3022BCPZ-RL7
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022BCPZ-RL7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAS3022BCPZ-RL7 Datasheet HTML 17Page - Analog Devices ADAS3022BCPZ-RL7 Datasheet HTML 18Page - Analog Devices ADAS3022BCPZ-RL7 Datasheet HTML 19Page - Analog Devices ADAS3022BCPZ-RL7 Datasheet HTML 20Page - Analog Devices ADAS3022BCPZ-RL7 Datasheet HTML 21Page - Analog Devices ADAS3022BCPZ-RL7 Datasheet HTML 22Page - Analog Devices ADAS3022BCPZ-RL7 Datasheet HTML 23Page - Analog Devices ADAS3022BCPZ-RL7 Datasheet HTML 24Page - Analog Devices ADAS3022BCPZ-RL7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADAS3022
Rev. A | Page 21 of 40
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, expressed in decibels, between the rms
amplitude of the input signal and the peak spurious signal.
Channel-to-Channel Crosstalk
Channel-to-channel crosstalk is a measure of the level of crosstalk
between any channel and all other channels. The crosstalk is
measured by applying a dc input to the channel under test and
applying a full-scale, 10 kHz sine wave signal to all other channels.
The crosstalk is the amount of signal that leaks into the test channel
and is expressed in decibels.
Reference Voltage Temperature Coefficient
Reference voltage temperature coefficient is derived from the
typical shift of output voltage at 25°C on a sample of parts at the
maximum and minimum reference output voltage (VREF) measured
at TMIN, T (25°C), and TMAX. The value is expressed in ppm/°C as
6
10
)
–
(
)
(
)
(
–
)
(
)
C
ppm/
(
×
×
°
=
°
MIN
MAX
REF
REF
REF
REF
T
T
C
25
V
Min
V
Max
V
TCV
where:
VREF (Max) is the maximum reference output voltage at TMIN,
T (25°C), or TMAX.
VREF (Min) is the minimum reference output voltage at TMIN,
T (25°C), or TMAX.
VREF (25°C) is the reference output voltage at 25°C.
TMAX = +85°C.
TMIN = −40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com