Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VQB100R Datasheet(PDF) 1 Page - CUI INC

Part # VQB100R
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VQB100R Datasheet(HTML) 1 Page - CUI INC

  VQB100R Datasheet HTML 1Page - CUI INC VQB100R Datasheet HTML 2Page - CUI INC VQB100R Datasheet HTML 3Page - CUI INC VQB100R Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 01/29/2013
page 1 of 4
SERIES: VQB100R
│ DESCRIPTION: DC-DC CONVERTER
date 01/29/2013
page 1 of 4
FEATURES
• up to 100 W isolated output
• industry standard quarter brick package
• 3:1 input range (66~160 V)
• single output from 5~24 V
• 1,500 V isolation
• over current, over temperature, over voltage,
and short circuit protections
• remote on/off
• efficiency up to 92%
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VQB100R-T110-S5
66 ~ 160
5
20
100
100
90
VQB100R-T110-S12
66 ~ 160
12
8.4
100
150
92
VQB100R-T110-S24
66 ~ 160
24
4.2
100
240
91
Notes:
1. ripple and noise are measured at 20 MHz BW with 10µF tantalum capacitor and 1µF ceramic capacitor across output
VQB100R-T110 - SXX
Input Voltage
Output Voltage
Base Number


Similar Part No. - VQB100R

ManufacturerPart #DatasheetDescription
logo
CUI INC
VQB125 CUI-VQB125 Datasheet
119Kb / 3P
DC/DC converter
VQB125-D48-S1 CUI-VQB125-D48-S1 Datasheet
119Kb / 3P
DC/DC converter
VQB125-D48-S12 CUI-VQB125-D48-S12 Datasheet
119Kb / 3P
DC/DC converter
VQB125-D48-S1R2 CUI-VQB125-D48-S1R2 Datasheet
119Kb / 3P
DC/DC converter
VQB125-D48-S1R5 CUI-VQB125-D48-S1R5 Datasheet
119Kb / 3P
DC/DC converter
More results

Similar Description - VQB100R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com