| Electronic Components Datasheet Search |
|
APFCON Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
APFCON Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 222 page ![]() MCP19111 DS22331A-page 10 2013 Microchip Technology Inc. 2.0 PIN DESCRIPTION The 28-Lead MCP19111 device features pins that have multiple functions associated with each pin. Table 2-1 provides a description of the different functions. See Section 2.1 “Detailed Pin Functional Description” for more detailed information. TABLE 2-1: MCP19111 PINOUT DESCRIPTION Name Function Input Type Output Type Description GPA0/AN0/ANALOG_TEST GPA0 TTL CMOS General purpose I/O AN0 AN — A/D Channel 0 input. ANALOG_TEST — — Internal analog signal multiplexer output (1) GPA1/AN1/CLKPIN GPA1 TTL CMOS General purpose I/O AN1 AN — A/D Channel 1 input. CLKPIN — — Switching frequency clock input or output (2 ,3) GPA2/AN2/T0CKI/INT GPA2 TTL CMOS General purpose I/O AN2 AN — A/D Channel 2 input T0CKI ST — Timer0 clock input INT ST — External interrupt GPA3/AN3 GPA3 TTL CMOS General purpose I/O AN3 AN — A/D Channel 3 input GPA4 GPA4 TTL OD General purpose I/O GPA5/MCLR GPA5 TTL — General purpose input only MCLR ST — Master Clear with internal pull-up GPA6 GPA6 ST CMOS General purpose I/O GPA7/SCL GPA7 ST OD General purpose open drain I/O SCL I2COD I2C clock GPB0/SDA GPB0 TTL OD SDA I2COD I2C data input/output GPB1/AN4/EAPIN GPB1 TTL CMOS General purpose I/O AN4 AN — A/D Channel 4 input EAPIN — — Error amplifier signal input/output (3) GPB2/AN5 GPB2 TTL CMOS General purpose I/O AN5 AN — A/D Channel 5 input GPB4/AN6/ICSPDAT GPB4 TTL CMOS General purpose I/O AN6 AN — A/D Channel 6 input ICSPDAT ST CMOS Primary Serial Programming Data I/O Legend: AN = Analog input or output CMOS =CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST =Schmitt Trigger input with CMOS levels I2C = Schmitt Trigger input with I2C Note 1: Analog Test is selected when the ATSTCON<BNCHEN> bit is set. 2: Selected when device is functioning as multiple output master or slave by proper configuration of the MLTPH<2:0> bits in the BUFFCON register. 3: Selected when device is functioning as multi-phase master or slave by proper configuration of the MLTPH<2:0> bits in the BUFFCON register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |