Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMC401BST Datasheet(PDF) 30 Page - Analog Devices

Part # ADMC401BST
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401BST Datasheet(HTML) 30 Page - Analog Devices

Back Button ADMC401BST Datasheet HTML 26Page - Analog Devices ADMC401BST Datasheet HTML 27Page - Analog Devices ADMC401BST Datasheet HTML 28Page - Analog Devices ADMC401BST Datasheet HTML 29Page - Analog Devices ADMC401BST Datasheet HTML 30Page - Analog Devices ADMC401BST Datasheet HTML 31Page - Analog Devices ADMC401BST Datasheet HTML 32Page - Analog Devices ADMC401BST Datasheet HTML 33Page - Analog Devices ADMC401BST Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
REV. B
ADMC401
–30–
cycle of the signals on CH and CL. The duty cycle registers are
programmed in integer counts of the fundamental time unit,
tCK, and define the desired on-time of the high side PWM signal
produced by the three-phase timing unit over half the PWM pe-
riod. The switching signals produced by the three-phase timing
unit are also adjusted to incorporate the programmed dead time
value in the PWMDT register. The three-phase timing unit
produces active LO signals so that a LO level corresponds to a
command to turn on the associated power device.
A typical pair of PWM outputs (in this case for AH and AL)
from the timing unit are shown in Figure 22 for operation in
single update mode. All illustrated time values indicate the
integer value in the associated register and can be converted to
time by simply multiplying by the fundamental time increment,
tCK. First, it is noted that the switching patterns are symmetrical
about the midpoint of the switching period in this single up-
date mode since the same values of PWMCHA, PWMTM and
PWMDT are used to define the signals in both half cycles of the
period. It can be seen how the programmed duty cycles are
adjusted to incorporate the desired dead time into the resultant
pair of PWM signals. Clearly, the dead time is incorporated by
moving the switching instants of both PWM signals (AH and
AL) away from the instant set by the PWMCHA register. Both
switching edges are moved by an equal amount (PWMDT
×
tCK) to preserve the symmetrical output patterns. Also shown is
the PWMSYNC pulse whose width is set by the PWMSYNCWT
register and Bit 3 of the SYSSTAT register, which indicates
whether operation is in the first or second half cycle of the PWM
period.
PWMSYNC
AH
AL
PWMCHA
PWMCHA
2
PWMDT
PWMSYNCWT + 1
2
PWMDT
SYSSTAT (3)
PWMTM
PWMTM
Figure 22. Typical PWM Outputs of Three-Phase Timing
Unit in Single Update Mode (Active LO Waveforms)
The resultant on-times of the PWM signals over the full PWM
period (two half periods) produced by the PWM timing unit,
and illustrated in Figure 22, may be written as:
T
PWMCHA PWMDT
t
AH
CK
=×
()×
2–
T
PWMTM
PWMCHA PWMDT
t
AL
CK
=×
()×
2–
–
and the corresponding duty cycles are:
d
T
T
PWMCHA PWMDT
PWMTM
AH
AH
S
==
–
d
T
T
PWMTM
PWMCHA PWMDT
PWMTM
AL
AL
S
==
––
Obviously negative values of TAH and TAL are not permitted and
the minimum permissible value is zero, corresponding to a 0%
duty cycle. In a similar fashion, the maximum value is TS, corre-
sponding to a 100% duty cycle.
The output signals from the timing unit for operation in double
update mode are shown in Figure 23. This illustrates a com-
pletely general case where the switching frequency, dead time
and duty cycle are all changed in the second half of the PWM
period. Of course, the same value for any or all of these quanti-
ties could be used in both halves of the PWM cycle. However, it
can be seen that there is no guarantee that symmetrical PWM
signals will be produced by the timing unit in this double update
mode. Additionally, it is seen that the dead time is inserted into
the PWM signals in the same way as in the single update mode.
PWMCHA2
2
PWMDT1
2
PWMDT2
PWMSYNCWT2 + 1
PWMCHA1
PWMTM1
PWMTM2
PWMSYNCWT1 + 1
AH
AL
PWMSYNC
SYSSTAT (3)
Figure 23. Typical PWM Outputs of Three-Phase Timing
Unit in Double Update Mode (Active LO Waveforms)
In general the on-times of the PWM signals over the full PWM
period in double update mode can be defined as:
T
PWMCHA
PWMCHA
PWMDT
PWMDT
t
AH
CK
=+
() ×
12
1
2
––
T
PWMTM
PWMTM
PWMCHA
PWMCHA
PWMDT
PWMDT
t
AL
CK
=+
(
) ×
12
1
2
1
2
––
–
–
where the subscript 1 refers to the value of that register during
the first half cycle and the subscript 2 refers to the value during
the second half cycle. The corresponding duty cycles are:
d
T
T
PWMCHA
PWMCHA
PWMDT
PWMDT
PWMTM
PWMTM
AH
AH
S
==
+
+
12
1
2
12
––
d
T
T
PWMTM
PWMTM
PWMCHA
PWMCHA
PWMDT
PWMDT
PWMTM
PWMTM
AL
AL
S
==
++
+
1
212
1
2
12
––
–
since for the completely general case in double update mode,
the switching period is given by:
T
PWMTM
PWMTM
t
SCK
=+
() ×
12
Again, the values of TAH and TAL are constrained to lie between
zero and TS. Similar PWM signals to those illustrated in Figure
22 and Figure 23 can be produced on the BH, BL, CH and CL
outputs by programming the PWMCHB and PWMCHC registers
in a manner identical to that described for PWMCHA.
Special Consideration for PWM Operation in
Overmodulation
The PWM Timing Unit is capable of producing PWM signals
with variable duty cycle values at the PWM output pins. At the
extremities of the modulation process, both 0% and 100%
modulation are possible. These two modes are termed full OFF
and full ON respectively. In between, for other duty cycle val-
ues, the operation is termed normal modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com