Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMCF327 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMCF327
Description  28-Lead Flash Memory DSP Switched Reluctance Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF327 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMCF327 Datasheet HTML 4Page - Analog Devices ADMCF327 Datasheet HTML 5Page - Analog Devices ADMCF327 Datasheet HTML 6Page - Analog Devices ADMCF327 Datasheet HTML 7Page - Analog Devices ADMCF327 Datasheet HTML 8Page - Analog Devices ADMCF327 Datasheet HTML 9Page - Analog Devices ADMCF327 Datasheet HTML 10Page - Analog Devices ADMCF327 Datasheet HTML 11Page - Analog Devices ADMCF327 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADMCF327
–8–
REV. 0
DSP CORE ARCHITECTURE OVERVIEW
Figure 3 is an overall block diagram of the DSP core of the
ADMCF327, which is based on the fixed-point ADSP-2171.
The flexible architecture and comprehensive instruction set of
the ADSP-2171 allow the processor to perform multiple operations
in parallel. In one processor cycle (50 ns with a 10 MHz CLKIN)
the DSP core can:
• Generate the next program address.
• Fetch the next instruction.
• Perform one or two data moves.
• Update one or two data address pointers.
• Perform a computational operation.
This all takes place while the processor continues to:
• Receive and transmit through the serial port.
• Decrement the interval timer.
• Generate three-phase PWM waveforms for a power inverter.
• Generate two signals using the 8-bit auxiliary PWM timers.
• Acquire four analog signals.
• Decrement the watchdog timer.
The processor contains three independent computational units:
the arithmetic and logic unit (ALU), the multiplier/accumulator
(MAC) and the shifter. The computational units process 16-bit
data directly and have provisions to support multiprecision com-
putations. The ALU performs a standard set of arithmetic and
logic operations as well as providing support for division primitives.
The MAC performs single-cycle multiply, multiply/add, and
multiply/subtract operations with 40 bits of accumulation. The
shifter performs logical and arithmetic shifts, normalization,
denormalization and derive-exponent operations. The shifter can
be used to efficiently implement numeric format control, including
floating-point representations.
The internal result (R) bus directly connects the computational
units so that the output of any unit may be the input of any unit
on the next cycle.
A powerful program sequencer and two dedicated data address
generators ensure efficient delivery of operands to these compu-
tational units. The sequencer supports conditional jumps and
subroutine calls and returns in a single cycle. With internal loop
counters and loop stacks, the ADMCF327 executes looped code
with zero overhead; no explicit jump instructions are required to
maintain the loop.
Two data address generators (DAGs) provide addresses for
simultaneous dual operand fetches from data memory and pro-
gram memory. Each DAG maintains and updates four address
pointers (I registers). Whenever the pointer is used to access data
(indirect addressing), it is post-modified by the value in one of
four modify (M registers). A length value may be associated with
each pointer (L registers) to implement automatic modulo
addressing for circular buffers. The circular buffering feature is
also used by the serial ports for automatic data transfers to and
from on-chip memory. DAG1 generates only data memory
address and provides an optional bit-reversal capability. DAG2
may generate either program or data memory addresses but has
no bit-reversal capability.
Efficient data transfer is achieved with the use of five
internal buses:
• Program memory address (PMA) bus.
• Program memory data (PMD) bus.
• Data memory address (DMA) bus.
• Data memory data (DMD) bus.
• Result (R) bus.
Program Memory on the ADMCF327 can either be internal
(on-chip RAM) or external (Flash). Internal program memory
can store both instructions and data, permitting the ADMCF327
to fetch two operands in a single instruction cycle—one from
program memory and one from data memory. Operation from
external program memory is described in detail in the ADSP-
2100 Family User’s Manual, Third Edition.
The ADMCF327 writes data from its 16-bit registers to the
24-bit program memory using the PX register to provide the
lower eight bits. When it reads data (not instructions) from
24-bit program memory to a 16-bit data register, the lower
eight bits are placed in the PX register.
The ADMCF327 can respond to a number of distinct DSP
core and peripheral interrupts. The DSP interrupts comprise
a serial port receive interrupt, a serial port transmit interrupt,
a timer interrupt, and two software interrupts. Additionally,
the motor control peripherals include two PWM interrupts
and a PIO interrupt.
The serial port (SPORT1) provides a complete synchronous
serial interface with optional companding in hardware and a
wide variety of framed and unframed data transmit and receive
modes of operation. SPORT1 can generate an internal program-
mable serial clock or accept an external serial clock.
A programmable interval counter is also included in the DSP
core and can be used to generate periodic interrupts. A 16-bit
count register (TCOUNT) is decremented every n processor
cycles, where n–1 is a scaling value stored in the 8-bit TSCALE
register. When the value of the counter reaches zero, an interrupt
is generated, and the count register is reloaded from a 16-bit
period register (TPERIOD).
The ADMCF327 instruction set provides flexible data moves
and multifunction instructions (one or two data moves within a
computation) that will execute from internal program memory
RAM. The ADMCF327 assembly language uses an algebraic
syntax for ease of coding and readability. A comprehensive set
of development tools support program development. For further
information on the DSP core, refer to the ADSP-2100 Family
User’s Manual, Third Edition, with particular reference to
the ADSP-2171.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com