Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMCF341 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMCF341
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMCF341 Datasheet HTML 18Page - Analog Devices ADMCF341 Datasheet HTML 19Page - Analog Devices ADMCF341 Datasheet HTML 20Page - Analog Devices ADMCF341 Datasheet HTML 21Page - Analog Devices ADMCF341 Datasheet HTML 22Page - Analog Devices ADMCF341 Datasheet HTML 23Page - Analog Devices ADMCF341 Datasheet HTML 24Page - Analog Devices ADMCF341 Datasheet HTML 25Page - Analog Devices ADMCF341 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
REV. 0
–22–
ADMCF341
PORTA8 is selected by bit 15 of the PORTA_SELECT
register.
The second alternate function of the PORTA4 and PORTA5
pins is selected by bit 4 of MODECTRL Register (SPORT1
mode: boot mode/UART mode).
Once PIO functionality has been selected for any or all of these
nine pins, the direction may be set by the 9-bit PORTA_DIR
register. Clearing any bit configures the corresponding PIO line
as an input, while setting the bit configures it as an output. By
default, following a reset all bits of PORTA_DIR are cleared,
configuring the PIO lines as inputs. The data of the PORTA0
to PORTA8 lines is controlled by the PORTA_DATA register.
These registers can be used to read data from those PIO lines
configured as inputs and write data to those configured as outputs.
Any of the nine pins that have been configured for PIO func-
tionality can be made to act as an interrupt source by setting
the appropriate bit of the PORTA_INTEN register. In order to
act as an interrupt source the pin must also be configured as an
input. An interrupt is generated upon a change of state (low-to-
high transition or high-to-low transition) on any input that has
been configured as an interrupt source. Following a change of
state event on any such input, the corresponding bit is set in the
PORTA_FLAG register and a common PIO interrupt is generated.
Reading the PORTA_FLAG register permits determining the
interrupt source. Reading the PORTA_FLAG register automati-
cally clears all bits of the registers. Following power-on or reset,
all bits of PORTA_INTEN are cleared so that no interrupts are
enabled.
Each PIO line has an internal pull-down resistor so that follow-
ing power-on or reset all nine lines are configured as input PIOs
and will be read as logic lows if left unconnected.
PIO Registers
The configuration of all registers of the PIO system is shown at
the end of the data sheet.
INTERRUPT CONTROL
The ADMCF341 can respond to 18 different interrupt sources
with minimal overhead. Seven of these interrupts are internal
DSP core interrupts and 11 are from the on-chip peripherals.
The seven DSP core interrupts are SPORT0 receive and
transmit, SPORT1 receive (or IRQ0) and transmit (or IRQ1),
the internal timer, and two software interrupts. The motor
control interrupts are the nine PORTA PIOs and two from the
PWM block (PWMSYNC pulse and
PWMTRIP). All the on-chip
peripheral interrupts are multiplexed into the DSP core via the
peripheral
IRQ2 interrupt. They are also internally prioritized
and individually maskable. The start address in the interrupt
vector table for the ADMCF341 interrupt sources is shown in
Table X. The interrupts are listed from highest to lowest prior-
ity. The PWMSYNC interrupt is triggered by a low-to-high
transition on the PWMSYNC pulse. The
PWMTRIP interrupt
is triggered on a high-to-low transition on the
PWMTRIP pin.
A PIO interrupt is detected on any change of state (high-to-low
or low-to-high) on the PIO lines.
The entire interrupt control system of the ADMCF341 is con-
figured and controlled by the IFC, IMASK, and ICNTL
registers of the DSP core, the IRQFLAG register for the
PWMSYNC and
PWMTRIP interrupts, and PORTA_FLAG
register for the PIO interrupts.
Table X. Interrupt Vector Addresses
Interrupt Source
Interrupt Vector Address
PWMTRIP
0x002C (Highest Priority)
Peripheral Interrupt (
IRQ2)
0x0004
PWMSYNC
0x000C
PIO
0x0008
Software Interrupt 1
0x0018
Software Interrupt 0
0x001C
SPORT0 Transmit Interrupt
0x0010
SPORT0 Receive Interrupt
0x0014
SPORT1 Transmit Interrupt (or
IRQ1) 0x0020
SPORT1 Receive Interrupt (or
IRQ0)
0x0024
Timer
0x0028 (Lowest Priority)
Interrupt Masking
Interrupt masking (or disabling) is controlled by the IMASK
register of the DSP core. This register contains individual bits
that must be set to enable the various interrupt sources. If any
peripheral interrupt is to be enabled, the
IRQ2 interrupt enable
bit (bit 9) of the IMASK register must be set. The configuration
of the IMASK register of the ADMCF341 is shown at the end
of the data sheet.
Table IX. Port A Multiplexing
PORTA Pin
First Alternate Function (Peripheral)
Second Alternate Function (Peripheral)
PORTA8
AUX0 (Auxiliary PWM Output)
CLKOUT (System CLOCK)
PORTA7
AUX1 (Auxiliary PWM Output)
PWMSYNC (PWM)
PORTA6
DR1 (Data Receive SPORT1)
None
PORTA5
FL1 (Flag Out SPORT1)
DT1 (Data Transmit SPORT1)
PORTA4
SCLK1 (Serial Clock SPORT1)
SCLK0 (Serial Clock SPORT0)
PORTA3
TFS0 (Transmit Frame Sync SPORT0)
None
PORTA2
RFS0 (Receive Frame Sync SPORT0)
None
PORTA1
DT0 (Data Transmit SPORT0)
None
PORTA0
DR0 (Data Receive SPORT0)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com