Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6448TD Datasheet(PDF) 2 Page - ebm-papst

Part # 6448TD
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6448TD Datasheet(HTML) 2 Page - ebm-papst

  6448TD Datasheet HTML 1Page - ebm-papst 6448TD Datasheet HTML 2Page - ebm-papst 6448TD Datasheet HTML 3Page - ebm-papst 6448TD Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
6448 TD
Technical features
Dimensions
172 x 150 x 72 mm
General description
Particular design features:
Very smooth running 3-phase fan drive.
Very rigid compression curve for high air flow at high counterpressure.
Control inputs and alarm and speed signals available on request.
Optionally available with reversible speed
General features:
Housing made of aluminium, impeller made of fibreglass-reinforced PA; housing with grounding lug
for M4 x 8 screw (Torx). 48 V version incl. screws.
Electronic commutation completely integrated.
Connection via single strands AWG 22, TR 64, bared and tin-plated
Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor. Reversible direction of
rotation.
Mass: 760 g.
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Direction of rotation
Left, looking at rotor
Direction of air flow
Air exhaust over bars
Bearing
Ball bearings
Lifetime L10 at 40 °C
70000 h
Lifetime L10 at maximum
temperature
45000 h
Mass
0.760 kg
Housing material
Aluminum. Housing with grounding lug for screw M4 x 8 (TORX). 48 V version incl. screws.
Material of impeller
Fiberglass-reinforced PA plastic
Motor protection
Protected against reverse polarity and locking.
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com