Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1001N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1001N
Description  Optocoupler: Unidirectional Input, Single-Transistor Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1001N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1001N Datasheet HTML 1Page - IXYS Corporation CPC1001N Datasheet HTML 2Page - IXYS Corporation CPC1001N Datasheet HTML 3Page - IXYS Corporation CPC1001N Datasheet HTML 4Page - IXYS Corporation CPC1001N Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1001N
www.ixysic.com
3
R05
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Refer to the Test Circuit
on the previous page
for these two graphs.
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
0
10
20
30
40
50
LED Voltage vs. LED Current
(T
A=25ºC)
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
LED Voltage vs. LED Current
(T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=5mA
I
F=10mA
I
F=20mA
I
F=0.2mA
I
F=1mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.1
1
10
100
Typical I
CE Current vs. Temperature
(V
CE=0.5V)
I
F=10mA
I
F=5mA
I
F=2mA
I
F=1mA
I
F=0.5mA
I
F=0.2mA
I
F=0.1mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
Typical Voltage vs. Current
(T
A=25ºC)
Collector Voltage (V)
I
F=0.2mA
I
F=0.5mA
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
LED Forward Current (mA)
0.1
1
10
100
150
200
250
300
350
Typical CTR vs. LED Forward Current
(V
CE=0.5V)
55ºC
85ºC
25ºC
-40ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Typical Saturation Voltage
vs. Temperature
(I
F=2mA, IC=1mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
88
89
90
91
92
93
94
95
96
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
Collector Leakage Current
vs. Temperature
V
CC=10V
V
CC=5V
V
CC=3V
Load Resistance (k )
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Turn-On Time vs. Load Resistance
(T
A=25ºC, VCC=5V)
I
F=5mA
I
F=2mA
I
F=1mA
Load Resistance (k )
0.1
1
10
100
10
100
1000
Turn-Off Time vs. Load Resistance
(T
A=25ºC, VCC=5V)
I
F=5mA
I
F=1mA
I
F=2mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com