Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC2017N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC2017N
Description  Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2017N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC2017N Datasheet HTML 1Page - IXYS Corporation CPC2017N Datasheet HTML 2Page - IXYS Corporation CPC2017N Datasheet HTML 3Page - IXYS Corporation CPC2017N Datasheet HTML 4Page - IXYS Corporation CPC2017N Datasheet HTML 5Page - IXYS Corporation CPC2017N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC2017N-R03
1
CPC2017N
Dual Normally Open
8-Pin SOIC OptoMOS® Relay
e3
Pb
Part #
Description
CPC2017N
8-Pin SOIC (50/tube)
CPC2017NTR
8-Pin SOIC (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
16
LED Current to operate
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
Security
Passive Infrared Detectors (PIR)
Data Signalling
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Medical Equipment—Patient/Equipment Isolation
Aerospace
Industrial Controls
Designed for use in Security Systems Complying
with EN50130-4
1500V
rms Input/Output Isolation
TTL/CMOS Compatible Input
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Immune to Radiated EM Fields
SMD Pick & Place, Wave Solderable
Tape & Reel Version Available
Small 8-Pin SOIC Package
The CPC2017N is a miniature device with two
independent 1-Form-A solid state relays in an
8-Pin SOIC package that employs optically coupled
MOSFET technology to provide 1500V
rms of
input/output isolation.
Optically coupled outputs that use the patented
OptoMOS architecture are controlled by a highly
efficient GaAIAs infrared LED.
The CPC2017N uses IXYS Integrated Circuits
Division’s state of the art, double-molded, vertical
construction packaging to produce one of the world’s
smallest relays. The CPC2017N offers substantial
board space savings over the competitor’s larger 8-Pin
SOIC relay.
Switching Characteristics
of Normally Open (Form A) Devices
Approvals
UL Certified Component: File E76270
CSA Certified Component: Certificate 1172007
EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
+ Control
– Control
Load
Load
1
2
3
4
7
8
5
6
+ Control
– Control
Load
Load


Similar Part No. - CPC2017N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
CPC2017NTR CLARE-CPC2017NTR Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
More results

Similar Description - CPC2017N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
logo
IXYS Corporation
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2125N IXYS-CPC2125N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2330N IXYS-CPC2330N Datasheet
140Kb / 8P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
PAA190 IXYS-PAA190 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS짰 Relays
PLA171 IXYS-PLA171 Datasheet
119Kb / 6P
Single-Pole, Normally Open OptoMOS짰 Relay
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com