Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3422 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3422
Description  IMVP-II-Compliant Core Power Controller for Mobile CPUs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3422 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3422 Datasheet HTML 4Page - Analog Devices ADP3422 Datasheet HTML 5Page - Analog Devices ADP3422 Datasheet HTML 6Page - Analog Devices ADP3422 Datasheet HTML 7Page - Analog Devices ADP3422 Datasheet HTML 8Page - Analog Devices ADP3422 Datasheet HTML 9Page - Analog Devices ADP3422 Datasheet HTML 10Page - Analog Devices ADP3422 Datasheet HTML 11Page - Analog Devices ADP3422 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
ADP3422
–8–
ADOPT is a trademark of Analog Devices, Inc.
Pin No.
Mnemonic
Function
25
RAMP
Regulation Ramp Feedback Input. This is a high-impedance analog input pin which is used for providing
negative feedback of the hysteretically-controlled output. Several switched current sources also
appear at this input, most notably the cycle-by-cycle hysteresis-setting switched current programmed by
the HYSSET pin. The external resistive termination at this pin sets the magnitude of the hysteresis
applied to the regulation loop.
26
REG
Regulation Voltage Summing Input. This is a high-impedance analog input pin into which the voltage
reference of the feedback loop allows the summing of both the DACOUT voltage and the core voltage for
programming the output resistance of the core voltage regulator. This is also the pin at which an optimized
transient response can be tailored using Analog Devices’ patented ADOPT™ design technique.
27
CS+
Current Limit Positive Sense. This is a high-impedance analog input pin that is normally connected to the
positive node of the current sense resistor.
28
CS–
Current Limit Negative Sense. This is a high-impedance analog input pin that is normally connected via
a current-limit programming resistor to the negative node of the current sense resistor. A hysteretically-
controlled current—three times the current programmed at the HYSSET pin—flows out of this pin
and develops a current-limit-setting voltage across that resistor. This voltage must be exceeded by the
inductor current generated current sense voltage in order to trigger the current limit function. When it is
triggered, the current flowing out of this pin is reduced—to two-thirds of its previous value—producing
hysteresis in the current limit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com