Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3802AR Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3802AR
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3802AR Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3802AR Datasheet HTML 8Page - Analog Devices ADP3802AR Datasheet HTML 9Page - Analog Devices ADP3802AR Datasheet HTML 10Page - Analog Devices ADP3802AR Datasheet HTML 11Page - Analog Devices ADP3802AR Datasheet HTML 12Page - Analog Devices ADP3802AR Datasheet HTML 13Page - Analog Devices ADP3802AR Datasheet HTML 14Page - Analog Devices ADP3802AR Datasheet HTML 15Page - Analog Devices ADP3802AR Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP3801/ADP3802
–12–
REV. 0
SD results in shutdown. All internal circuitry is shut off except
for the LDO and the reference, and the supply current is typi-
cally 110
µA. When SD returns high, the part resumes full op-
eration. The compensation capacitor at the COMP node is
discharged during shutdown, so the part will resume operation
in soft-start mode.
Undervoltage Lockout—UVLO
The internal Undervoltage Lockout (UVLO) circuit monitors
the input voltage and keeps the part in shut-down mode until
VCC rises above 3.9 V. During UVLO, the LDO and reference
are still active, but the analog front end, the oscillator, and the
gate drive are off. UVLO helps to prevent the circuitry from
entering an unknown state that could incorrectly charge a battery.
To prevent oscillation around VCC = 3.9 V, the UVLO cir-
cuitry has built-in hysteresis. Once the part is on, the UVLO
circuitry does not shut it off until the LDO enters dropout.
Because the dropout voltage depends on the LDO’s load, the
UVLO trip point-off also depends on the load. Refer to Figure 8
for a graph of the UVLO trip point-off versus LDO load.
RESET
When the power is first applied to the ADP3801/ADP3802, the
RESET pin is held at ground by an external 1 M
Ω resistor. It
remains low until the LDO output voltage rises to above 80% of
its final value. When this threshold is reached, the RESET pin is
pulled high. The internal RESET comparator includes about
150 mV of hysteresis to avoid oscillation around the threshold.
Supply Considerations
The guaranteed operating supply voltage range of the ADP3801/
ADP3802 is from 4 V to 20 V, and it typically consumes 5.0 mA
of quiescent current when not switching. However, the part
needs at least 2 V of headroom between VCC and the voltage
on the CS+ and CS– pins. This is for the common-mode range
on the current sense amplifier. In applications where the input
supply does not offer enough headroom, the circuits in Figures
32 and 33 can be used as explained in the section on low over-
head charging.
Overtemperature Shutdown
The ADP3801/ADP3802 has an on-chip temperature detector
to shut the part down when the die temperature reaches typi-
cally +160
°C. Such a condition could occur with a short-circuit
on the LDO or a short on the DRV pin. In either case, the op-
eration of the charger will stop and the DRV pin will be pulled
high. With approximately +10
°C hysteresis, the overtemperature
shutdown releases at typically +150
°C. These temperatures are
higher than the absolute maximum ratings for the die, and are
included as a safety feature only.
Li-Ion Battery Charger
The ADP3801 and ADP3802 are ideally suited for a single or
dual Li-Ion batterypack charger. They combine 200 kHz or
500 kHz switching with a PMOS pass transistor drive to realize
a Buck topology CCCV charger. The following discussion goes
through the complete design of a charger using the ADP3801.
This information also applies to the ADP3802.
Charger Specifications
Battery: 3 Series Cell Li-Ion Pack.
Input Voltage: VIN = 15 V dc to 20 V dc.
Final Battery Voltage: VBAT = 12.6 V.
Charge Current: ICHARGE = 4.0 A (for VO = 0 V to 12.6 V)
Circuit Topology
The complete Buck charger circuit is shown in Figure 24. The
dc-source voltage can be supplied from an ac/dc adaptor or an
external dc/dc supply.
VIN
MBRD835
RCS
40m
BATA
12.6VMAX
TOP VIEW
(Not to Scale)
DRV
VL
SD
CS–
CS+
GND
A/B
BATA
BATB
PROG
ADJ
EOC
COMP
ADP3801/
ADP3802
VCC
RESET
0.1 F
210 F
25V
1k
140 F
25V
4.3k
4.3k
C7
2.2nF
C9
2.2nF
MBRD835
ISET
100k
SD
VL = +3.3V
4.7 F
100k
24k
20k
1.0 F
EOC
1M
RESET
(+15V TO +20V)
33 H
Si4463
56
100k
200k
Figure 24. Li-Ion Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com