Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADR380ARTZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR380ARTZ-REEL7
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ARTZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR380ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
ADR380/ADR381
–9–
RL = 500
TIME (200 s/DIV)
2V/DIV
VOUT
VIN
5V/DIV
TPC 21. ADR381 Turn-On/Turn-Off Response at 5 V
10
CL = 40pF
CL = 0.1 F
CL = 1 F
CB = 0.1 F
100
1k
10k
100k
1M
FREQUENCY (Hz)
TPC 22. ADR381 Output Impedance vs. Frequency
HOURS
0
–150
0
100
–100
–50
50
100
150
200
300
400
500
600
700
800
900
1000
CONDITIONS: VIN = 6V IN A CONTROLLED
ENVIRONMENT 50 C
1 C
TPC 23. ADR380 Long-Term Drift
HOURS
0
–150
0
100
–100
–50
50
100
150
200
300
400
500
600
700
800
900
1000
CONDITIONS: VIN = 6V IN A CONTROLLED
ENVIRONMENT 50 C
1 C
TPC 24. ADR381 Long-Term Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com