Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC7232K Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7232K
Description  8-Channel HV Analog Switch with Built-in Bleeder Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7232K Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7232K Datasheet HTML 1Page - IXYS Corporation CPC7232K Datasheet HTML 2Page - IXYS Corporation CPC7232K Datasheet HTML 3Page - IXYS Corporation CPC7232K Datasheet HTML 4Page - IXYS Corporation CPC7232K Datasheet HTML 5Page - IXYS Corporation CPC7232K Datasheet HTML 6Page - IXYS Corporation CPC7232K Datasheet HTML 7Page - IXYS Corporation CPC7232K Datasheet HTML 8Page - IXYS Corporation CPC7232K Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
DS-CPC7232-R00J
PRELIMINARY
1
Features
Processed with BCDMOS on SOI (Silicon on
Insulator)
Flexible High Voltage Supplies up to V
PP-VNN=200V
Internal Output Bleeder Resistors
DC to 10MHz Analog Signal Frequency
-60dB Minimum Output-Off Isolation at 5MHz
Low Quiescent Power Dissipation (< 1
A Typical)
Output Switch On-Resistance Typically 20
TTL I/Os for 3.3V Interface
Surface Mount Package
Applications
Ultrasound Imaging
Printers
Industrial Controls and Measurement
Piezoelectric Transducer Drivers
Figure 1. Block Diagram
Description
The CPC7232 is a low charge injection 8-channel
high-voltage analog switch integrated circuit (IC) for
use in applications requiring high voltage switching.
Bleeder resistors are incorporated into both terminals
of each output switch. Control of the high voltage
switching is via low voltage TTL logic level compatible
inputs for direct connectivity to the system controller.
Switch manipulation is managed by an 8-bit serial to
parallel shift register whose outputs are buffered and
stored by an 8-bit transparent latch. Level shifters
buffer the latch outputs and operate the high voltage
switches.
Because the CPC7232 is capable of switching high
load voltages and has a flexible load voltage range,
e.g. VPP/VNN: +40V/160V or +100V/100V, it is well
suited for many medical and industrial applications
such as medical ultrasound imaging, printers, and
industrial measurement equipment. The bleeder
resistors enable the discharge of capacitive loads,
such as piezoelectric transducers, connected to the
output switches of the CPC7232.
Construction of the high voltage switches using IXYS
Integrated Circuits Division's reliable BCDMOS
process technology on SOI (Silicon On Insulator)
allow the switches to be organized as solid state
switches with direct gate drive.
Ordering Information
VNN
VPP
CL
DIN
CLK
DOUT
VDD
8 BIT
SHIFT
REGISTER
LATCHES
OUTPUT
SWITCHES
LE
RGND
SW0
CL
D
LE
SW1
CL
D
LE
SW2
CL
D
LE
SW3
CL
D
LE
SW4
CL
D
LE
SW5
CL
D
LE
SW6
CL
D
LE
SW7
CL
D
LE
LEVEL
SHIFTERS
Part Number Description
CPC7232W
28-Lead PLCC in Tubes (37/Tube)
CPC7232WTR 28-Lead PLCC Tape & Reel (500/Reel)
CPC7232K
48-Lead LQFP in Trays (250/Tray)
CPC7232KTR
48-Lead LQFP Tape & Reel (2000/Reel)
e3
Pb
CPC7232
8-Channel HV Analog Switch
with Built-in Bleeder Resistors


Similar Part No. - CPC7232K

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7232K CLARE-CPC7232K Datasheet
609Kb / 13P
8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
logo
IXYS Corporation
CPC7232K IXYS-CPC7232K Datasheet
275Kb / 12P
8-Channel HV Analog Switch with Built-in Bleeder Resistors
logo
Clare, Inc.
CPC7232KTR CLARE-CPC7232KTR Datasheet
609Kb / 13P
8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
logo
IXYS Corporation
CPC7232KTR IXYS-CPC7232KTR Datasheet
275Kb / 12P
8-Channel HV Analog Switch with Built-in Bleeder Resistors
More results

Similar Description - CPC7232K

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
16 Channel High Voltage Analog Switch With Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
logo
Clare, Inc.
CPC7232 CLARE-CPC7232 Datasheet
609Kb / 13P
8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
Built-in Resistors Transistor
logo
Rohm
BM1051F ROHM-BM1051F Datasheet
2Mb / 50P
Built-in HV Starter circuit
logo
Supertex, Inc
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7232 IXYS-CPC7232 Datasheet
275Kb / 12P
8-Channel HV Analog Switch with Built-in Bleeder Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com