Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP3X3S-J Datasheet(PDF) 7 Page - ITT Industries

Part # DAMMP3X3S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP3X3S-J Datasheet(HTML) 7 Page - ITT Industries

Back Button DAMMP3X3S-J Datasheet HTML 3Page - ITT Industries DAMMP3X3S-J Datasheet HTML 4Page - ITT Industries DAMMP3X3S-J Datasheet HTML 5Page - ITT Industries DAMMP3X3S-J Datasheet HTML 6Page - ITT Industries DAMMP3X3S-J Datasheet HTML 7Page - ITT Industries DAMMP3X3S-J Datasheet HTML 8Page - ITT Industries DAMMP3X3S-J Datasheet HTML 9Page - ITT Industries DAMMP3X3S-J Datasheet HTML 10Page - ITT Industries DAMMP3X3S-J Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
C-7
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
D*M Combo D-Subminiature
Connector Designator for High Reliability Applications
Solder Cup, Crimp, and PCB Type, Combo-D’s with Machined Contacts
Typical Part Number:
DBM
C 13X3 S J 101
Product Family Designator
D*M
= Solder Cup & Std. Density PCB
Industrial/Commercial Version
D*MM = Solder Cup & PCB Mil version
(50 micro-inch gold contact/plating)
D*A
= Crimp signal contacts
Hardware Modifier*
=0.120” (3,05mm) Through Hole
B =4-40 Female Screwlock
C =90° Metal Bracket, 4-40 Fastener, & Boardlock (D*M, D*MM Only)
D =90° Metal Bracket, 4-40 Fastener and 4-40 Screwlock (D*M, D*MM Only)
E =4-40 Clinchnut
G =90° Metal Bracket, 4-40 Fastener, 4-40 Screwlock, Boardlock (D*M, D*MM)
H =.300” (7.6mm) Standoff, 4-40 Screwlock (D*M, D*MM US Only)
I = 90° metal bracket, .120" (3.05mm) through hole
K =0.162” (4,11mm) Through Hole
N =.300” (7.6mm) Standoff, 4-40 Screwlock, Boardlock (D*M, D*MM Only)
P =90° Metal Bracket, 4-40 Fastener (D*M, D*MM)
S =90° Metal Bracket, M-3 Fastener (D*M, D*MM)
V =.300” (7.6mm) 4-40 Standoff (D*M, D*MM Only)
X =M3 clinchnut
Y =Dual Float Mount
Z =.300” (7.6mm) 4-40 Standoff, Boardlock (D*M, D*MM Only)
* =Shell Sizes are E, A, B, C, D
* Note: Combo-D hardware and finishes are available on D*M standard density
9, 15, 25, 37 and 50 position connectors
• Shell Modifier (Standard)*
= Yellow chromate over zinc shells
A101 = Yellow Chromate over Cadmium shells
F225 = Stainless steel shells (RoHS) (Non Hardware Versions Only)
A197 = Pure Tin over Nickel Shells (Sockets only, RoHS through hole ver-
sions only)
K87 = Pure Tin over Nickel Shells w/grounding dimples (Pins only, RoHS)
• PC Tail Modifier (Standard)*
= Solder Cup (D*M/D*MM; Crimp, D*MA, D*MAM)
J = 90° Std. PCB signal contact (.170" lg by .030" )
N = Straight Std. PCB signal contact (.178" lg by .030 Ø)
V = 90° Euro PCB signal contact (.157" lg by .024 Ø)
Y = Straight Euro PCB signal contact (.178" lg by .024 Ø)
• Gender
P = Male Plug, Pin
S = Female Receptacle, Socket
• Layouts - *Combo D E-2W2; 2WK2K, 9
(D*M) A- 5W1; A- 3W3, 3WK3, 7W2, 11W1, 95
B- 5W5, 9W4, 13W3, 17W2, 21W1, 25
C- 8W8, 13W6, 17W5, 21WA4, 25W3, 27W2, 37
D- 24W7, 36W4, 43W2, 47W1, 50
Combo-D Size 8 Contact Designators:
W = w/o Contacts (letters below denote with contacts)
C = 75 Ohm Coax Contacts Installed, stamped
X = 50 Ohm Coax Contacts Installed, stamped
H = High Power Installed
V = High Voltage Installed (Cable and straight PCB only)
R = Mini Hi Power 90° Installed
F = Fiber Optic
G= Guide Pin
P = High Power Installed (European)
M = 50 ohm coax contact installed, machined, 50 microinches gold
N = 50 ohm coax contact installed, machined, 30 microinches gold
C
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com