Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBA710 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LBA710
Description  Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA710 Datasheet(HTML) 1 Page - IXYS Corporation

  LBA710 Datasheet HTML 1Page - IXYS Corporation LBA710 Datasheet HTML 2Page - IXYS Corporation LBA710 Datasheet HTML 3Page - IXYS Corporation LBA710 Datasheet HTML 4Page - IXYS Corporation LBA710 Datasheet HTML 5Page - IXYS Corporation LBA710 Datasheet HTML 6Page - IXYS Corporation LBA710 Datasheet HTML 7Page - IXYS Corporation LBA710 Datasheet HTML 8Page - IXYS Corporation LBA710 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LBA710-R02
1
LBA710
Dual Single-Pole OptoMOS® Relay
Normally Open & Normally Closed
e3
Pb
Part #
Description
LBA710
8-Pin DIP (50/Tube)
LBA710S
8-Pin Surface Mount (50/Tube)
LBA710STR
8-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Blocking Voltage
60
V
Load Current
1
A
rms / ADC
On-Resistance (max)
0.6
LED Current to Operate
2
mA
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
LBA710 is a 60V, 1A, 0.6
 dual Solid State Relay
integrating independent single-pole normally open
(1-Form-A) and single-pole normally closed
(1-Form-B) relays into a single package. It features
a superior combination of low on-resistance and 1A
load current handling capability.
Telecommunications
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Utility Meters (gas, oil, electric and water)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Low On-Resistance (0.6
)
Low Control Current (2mA)
3750V
rms Input/Output Isolation
100% Solid State
Low Drive Power Requirements (TTL/CMOS
Compatible)
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount Versions
Small 8-Pin Package
Tape & Reel available
1
2
3
4
8
7
6
5
+ Control
– Control
+ Control
– Control
Normally Closed
Form-B
Normally Open
Form-A
Switching Characteristics
of Normally Open Devices
Switching Characteristics
of Normally Closed Devices
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - LBA710

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LBA710 LITTELFUSE-LBA710 Datasheet
231Kb / 9P
60V, 1A Dual Single-Pole Relays
11/18/2025
LBA710S LITTELFUSE-LBA710S Datasheet
231Kb / 9P
60V, 1A Dual Single-Pole Relays
11/18/2025
LBA710STR LITTELFUSE-LBA710STR Datasheet
231Kb / 9P
60V, 1A Dual Single-Pole Relays
11/18/2025
More results

Similar Description - LBA710

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
LBB110 IXYS-LBB110_12 Datasheet
136Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
LBB120 IXYS-LBB120 Datasheet
124Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
LBB126 IXYS-LBB126 Datasheet
135Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
LBB127 IXYS-LBB127 Datasheet
171Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
PBB150 IXYS-PBB150 Datasheet
117Kb / 5P
Dual Single-Pole, Normally Closed OptoMOS Relay
PBB190 IXYS-PBB190 Datasheet
129Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
XBB170 IXYS-XBB170 Datasheet
135Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com