Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7316ARQ Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7316ARQ
Description  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7316ARQ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7316ARQ Datasheet HTML 17Page - Analog Devices ADT7316ARQ Datasheet HTML 18Page - Analog Devices ADT7316ARQ Datasheet HTML 19Page - Analog Devices ADT7316ARQ Datasheet HTML 20Page - Analog Devices ADT7316ARQ Datasheet HTML 21Page - Analog Devices ADT7316ARQ Datasheet HTML 22Page - Analog Devices ADT7316ARQ Datasheet HTML 23Page - Analog Devices ADT7316ARQ Datasheet HTML 24Page - Analog Devices ADT7316ARQ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADT7316/7317/7318
–21–
REV. PrN
PRELIMINARY TECHNICAL DATA
22h
External Analog Temp Offset
D8h
23h
VDD VHIGH Limit
C9h
24h
VDD VLOW Limit
62h
25h
Internal THIGH Limit
64h
26h
Internal TLOW Limit
C9h
27h
External THIGH
FFh
28h
External TLOW
00h
29h-4CH
RESERVED
4Dh
Device ID
01h/05h/09h
4Eh
Manufacturer’s ID
41h
4Fh
Silicon Revision
00h
50h-FFh
RESERVED
Interrupt Status 1 Register (Read only) [Add. = 00h]
This 8-bit read only register reflects the status of some of
the interrupts that can cause the INTERRUPT pin to go
active. This register is reset by a read operation or by a
software reset.
Table 7.
Interrupt Status 1 Register
D7
D6
D5
D4
D3
D2
D1
D0
N / A
N / A
N / A
0*
0*
0*
0*
0*
*Default settings at Power-up.
Bit
Function
D 0
1 when Internal Temp Value exceeds THIGH limit
D 1
1 when Internal Temp Value exceeds TLOW limit
D 2
1 when External Temp Value exceeds THIGH limit
D 3
1 when External Temp Value exceeds TLOW limit
D 4
1 indicates a fault (open or short) for the external
temperature sensor.
Interrupt Status 2 Register (Read only) [Add. = 01h]
This 8-bit read only register reflects the status of the VDD
interrupt that can cause the INTERRUPT pin to go ac-
tive. This register is reset by a read operation or by a soft-
ware reset.
Table 8.
Interrupt Status 1 Register
D7
D6
D5
D4
D3
D2
D1
D0
N/A
N/A
N/A
0 *
N/A
N/A
N/A
N/A
*Default settings at Power-up.
Bit
Function
D 4
1 when VDD value exceeds corrosponding VHIGH and
VLOW limits
INTERNAL TEMPERATURE VALUE/VDD VALUE REG-
ISTER LSBs (Read only) [Add. = 03h]
This Internal Temperature Value and VDD Value Register
is a 8-bit read-only register. It stores the two LSBs of the
10-bit temperature reading from the internal temperature
sensor and also the two LSBs of the 10-bit supply voltage
reading.
Table 9.
Internal Temp/VDD LSBs
D7
D6
D5
D4
D3
D2
D1
D0
N/A
N/A
N/A
N/A
V1
L S B
T 1
L S B
N/A
N/A
N/A
N/A
0 *
0 *
0 *
0 *
*Default settings at Power-up.
Bit
Function
D 0
LSB of Internal Temperature Value
D 1
B1 of Internal Temperature Value
D 2
LSB of VDD Value
D 3
B1 of VDD Value
EXTERNAL TEMPERATURE VALUE REGISTER
LSBS (Read only) [Add. = 04h]
This External Temperature Value is a 8-bit read-only
register. It stores the two LSBs of the 10-bit temperature
reading from the external temperature sensor.
Table 10.
External Temperature LSBs
D7
D6
D5
D4
D3
D2
D1
D0
N/A
N/A
N/A
N/A
N/A
N/A
T 1
L S B
N/A
N/A
N/A
N/A
N/A
N/A
0 *
0 *
*Default settings at Power-up.
Bit
Function
D 0
LSB of External Temperature Value
D 1
B1 of External Temperature Value
VDD VALUE REGISTER MSBS (Read only) [Add. = 06h]
This 8-bit read only register stores the supply voltage
value. The 8 MSBs of the 10-bit value are stored in this
register.
Table 11.
VDD Value MSBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com