Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7H2S-V Datasheet(PDF) 29 Page - ITT Industries

Part # DAMMP7H2S-V
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7H2S-V Datasheet(HTML) 29 Page - ITT Industries

Back Button DAMMP7H2S-V Datasheet HTML 25Page - ITT Industries DAMMP7H2S-V Datasheet HTML 26Page - ITT Industries DAMMP7H2S-V Datasheet HTML 27Page - ITT Industries DAMMP7H2S-V Datasheet HTML 28Page - ITT Industries DAMMP7H2S-V Datasheet HTML 29Page - ITT Industries DAMMP7H2S-V Datasheet HTML 30Page - ITT Industries DAMMP7H2S-V Datasheet HTML 31Page - ITT Industries DAMMP7H2S-V Datasheet HTML 32Page - ITT Industries DAMMP7H2S-V Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
C
C-29
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Combo D® Coax 90° PCB Plug DE-DC
Military/High Reliability
Coaxial 90° PCB Plug, sizes DE-DC, with metal bracket
INDUSTRIAL – US
INDUSTRIAL – EU**
MILITARY/HI-REL – US
NON-MAGNETIC- LOW OUTGASSING – US***
75 Ohm* coax inserted with
75 Ohm* coax inserted with
50 Ohm* coax inserted with
50 Ohm* coax inserted with
US footprint metal bracket
EU footprint metal bracket
US footprint metal bracket
US footprint metal bracket
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 screw lock
and UNC 4-40 screw lock
Shell Layout P/N without
P/N with
P/N without
P/N with
P/N without
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DE
2W2
DEMP2C2P-JK87
DEMC2C2P-JK87
DEMP2C2P-VK87
DEMC2C2P-VK87
DEMMD2X2P-J
DEMMG2X2P-J
DEM2X2P-JNMBK52
DE
2WK2
DEMP2CK2P-JK87
DEMC2CK2P-JK87
DEMP2CK2P-VK87
DEMC2CK2P-VK87
DEMMD2XK2P-J
DEMMG2XK2P-J
DEM2XK2P-JNMBK52
DE
5W1
DEMP5C1P-JK87
DEMC5C1P-JK87
DEMP5C1P-VK87
DEMC5C1P-VK87
DEMMD5X1P-J
DEMMG5X1P-J
DEM5X1P-JNMBK52
DA
7W2
DAMP7C2P-JK87
DAMC7C2P-JK87
DAMP7C2P-VK87
DAMC7C2P-VK87
DAMMD7X2P-J
DAMMG7X2P-J
DAM7X2P-JNMBK52
DA
11W1
DAMP11C1P-JK87
DAMC11C1P-JK87
DAMP11C1P-VK87
DAMC11C1P-VK87
DAMMD11X1P-J
DAMMG11X1P-J
DAM11X1P-JNMBK52
DA
3W3
DAMP3C3P-JK87
DAMC3C3P-JK87
DAMP3C3P-VK87
DAMC3C3P-VK87
DAMMD3X3P-J
DAMMG3X3P-J
DAM3X3P-JNMBK52
DA
3WK3
DAMP3CK3P-JK87
DAMC3CK3P-JK87
DAMP3CK3P-VK87
DAMC3CK3P-VK87
DAMMD3XK3P-J
DAMMG3XK3P-J
DAM3XK3P-JNMBK52
DB
5W5
DBMP5C5P-JK87
DBMC5C5P-JK87
DBMP5C5P-VK87
DBMC5C5P-VK87
DBMMD5X5P-J
DBMMG5X5P-J
DBM5X5P-JNMBK52
DB
9W4
DBMP9C4P-JK87
DBMC9C4P-JK87
DBMP9C4P-VK87
DBMC9C4P-VK87
DBMMD9X4P-J
DBMMG9X4P-J
DBM9X4P-JNMBK52
DB
13W3
DBMP13C3P-JK87
DBMC13C3P-JK87
DBMP13C3P-VK87
DBMC13C3P-VK87
DBMMD13X3P-J
DBMMG13X3P-J
DBM13X3P-JNMBK52
DB
17W2
DBMP17C2P-JK87
DBMC17C2P-JK87
DBMP17C2P-VK87
DBMC17C2P-VK87
DBMMD17X2P-J
DBMMG17X2P-J
DBM17X2P-JNMBK52
DB
21W1
DBMP21C1P-JK87
DBMC21C1P-JK87
DBMP21C1P-VK87
DBMC21C1P-VK87
DBMMD21X1P-J
DBMMG21X1P-J
DBM21X1P-JNMBK52
DC
8W8
DCMP8C8P-JK87
DCMC8C8P-JK87
DCMP8C8P-VK87
DCMC8C8P-VK87
DCMMD8X8P-J
DCMMG8X8P-J
DCM8X8P-JNMBK52
DC
13W6
DCMP13C6P-JK87
DCMC13C6P-JK87
DCMP13C6P-VK87
DCMC13C6P-VK87
DCMMD13X6P-J
DCMMG13X6P-J
DCM13X6P-JNMBK52
DC
17W5
DCMP17C5P-JK87
DCMC17C5P-JK87
DCMP17C5P-VK87
DCMC17C5P-VK87
DCMMD17X5P-J
DCMMG17X5P-J
DCM17X5P-JNMBK52
DC
21WA4
DCMP21CA4P-JK87
DCMC21CA4P-JK87
DCMP21CA4P-VK87
DCMC21CA4P-VK87
DCMMD21XA4P-J
DCMMG21XA4P-J
DCM21XA4P-JNMBK52
DC
25W3
DCMP25C3P-JK87
DCMC25C3P-JK87
DCMP25C3P-VK87
DCMC25C3P-VK87
DCMMD25X3P-J
DCMMG25X3P-J
DCM25X3P-JNMBK52
DC
27W2
DCMP27C2P-JK87
DCMC27C2P-JK87
DCMP27C2P-VK87
DCMC27C2P-VK87
DCMMD27X2P-J
DCMMG27X2P-J
DCM27X2P-JNMBK52
* For 50 ohm coaxial inserts replace C with X, e.g.:DCM13C6P-J becomes DCM13X6P-J.
**For M-3 hardware, see Combo D Catalog.
*** Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D- Contact factory for more information
Shell
A
B
C
D
E
F
W
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,41 (.016)
± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.665)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2,500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Dimensions
For 50 ohm coaxial version, see Combo D Catalog.
Plug
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com