Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP3H3S-V Datasheet(PDF) 31 Page - ITT Industries

Part # DAMMP3H3S-V
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP3H3S-V Datasheet(HTML) 31 Page - ITT Industries

Back Button DAMMP3H3S-V Datasheet HTML 27Page - ITT Industries DAMMP3H3S-V Datasheet HTML 28Page - ITT Industries DAMMP3H3S-V Datasheet HTML 29Page - ITT Industries DAMMP3H3S-V Datasheet HTML 30Page - ITT Industries DAMMP3H3S-V Datasheet HTML 31Page - ITT Industries DAMMP3H3S-V Datasheet HTML 32Page - ITT Industries DAMMP3H3S-V Datasheet HTML 33Page - ITT Industries DAMMP3H3S-V Datasheet HTML 34Page - ITT Industries DAMMP3H3S-V Datasheet HTML 35Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
C-31
Cannon Combo D® Coax 90° PCB Receptacle DE-DC
Military/High Reliability
Coaxial 90° PCB Receptacle, Sizes DE-DC, with metal bracket
INDUSTRIAL – US
INDUSTRIAL – EU**
MILITARY/HI-REL – US
NON-MAGNETIC/LOW OUTGASSING – US***
75 Ohm* coax inserted with
75 Ohm* coax inserted with
50 Ohm* coax inserted with
50 Ohm* coax inserted with
US Footprint metal bracket
EU Footprint metal bracket
US Footprint metal bracket
US Footprint metal bracket
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 screw lock
and UNC 4-40 screw lock
Shell Layout P/N without
P/N with
P/N without
P/N with
P/N without
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DE
2W2
DEMP2C2S-JA197
DEMC2C2S-JA197
DEMP2C2S-VA197
DEMC2C2S-VA197
DEMMP2X2S-J
DEMMC2X2S-J
DEM2X2S-JNMBK52
DE
2WK2
DEMP2CK2S-JA197
DEMC2CK2S-JA197
DEMP2CK2S-VA197
DEMC2CK2S-VA197
DEMMP2XK2S-J
DEMMC2XK2S-J
DEM2XK2S-JNMBK52
DE
5W1
DEMP5C1S-JA197
DEMC5C1S-JA197
DEMP5C1S-VA197
DEMC5C1S-VA197
DEMMP5X1S-J
DEMMC5X1S-J
DEM5X1S-JNMBK52
DA
7W2
DAMP7C2S-JA197
DAMC7C2S-JA197
DAMP7C2S-VA197
DAMC7C2S-VA197
DAMMP7X2S-J
DAMMC7X2S-J
DAM7X2S-JNMBK52
DA
11W1
DAMP11C1S-JA197
DAMC11C1S-JA197
DAMP11C1S-VA197
DAMC11C1S-VA197
DAMMP11X1S-J
DAMMC11X1S-J
DAM11X1S-JNMBK52
DA
3W3
DAMP3C3S-JA197
DAMC3C3S-JA197
DAMP3C3S-VA197
DAMC3C3S-VA197
DAMMP3X3S-J
DAMMC3X3S-J
DAM3X3S-JNMBK52
DA
3WK3
DAMP3CK3S-JA197
DAMC3CK3S-JA197
DAMP3CK3S-VA197
DAMC3CK3S-VA197
DAMMP3XK3S-J
DAMMC3XK3S-J
DAM3XK3S-JNMBK52
DB
5W5
DBMP5C5S-JA197
DBMC5C5S-JA197
DBMP5C5S-VA197
DBMC5C5S-VA197
DBMMP5X5S-J
DBMMC5X5S-J
DBM5X5S-JNMBK52
DB
9W4
DBMP9C4S-JA197
DBMC9C4S-JA197
DBMP9C4S-VA197
DBMC9C4S-VA197
DBMMP9X4S-J
DBMMC9X4S-J
DBM9X4S-JNMBK52
DB
13W3
DBMP13C3S-JA197
DBMC13C3S-JA197
DBMP13C3S-VA197
DBMC13C3S-VA197
DBMMP13X3S-J
DBMMC13X3S-J
DBM13X3S-JNMBK52
DB
17W2
DBMP17C2S-JA197
DBMC17C2S-JA197
DBMP17C2S-VA197
DBMC17C2S-VA197
DBMMP17X2S-J
DBMMC17X2S-J
DBM17X2S-JNMBK52
DB
21W1
DBMP21C1S-JA197
DBMC21C1S-JA197
DBMP21C1S-VA197
DBMC21C1S-VA197
DBMMP21X1S-J
DBMMC21X1S-J
DBM21X1S-JNMBK52
DC
8W8
DCMP8C8S-JA197
DCMC8C8S-JA197
DCMP8C8S-VA197
DCMC8C8S-VA197
DCMMP8X8S-J
DCMMC8X8S-J
DCM8X8S-JNMBK52
DC
13W6
DCMP13C6S-JA197
DCMC13C6S-JA197
DCMP13C6S-VA197
DCMC13C6S-VA197
DCMMP13X6S-J
DCMMC13X6S-J
DCM13X6S-JNMBK52
DC
17W5
DCMP17C5S-JA197
DCMC17C5S-JA197
DCMP17C5S-VA197
DCMC17C5S-VA197
DCMMP17X5S-J
DCMMC17X5S-J
DCM17X5S-JNMBK52
DC
21WA4
DCMP21CA4S-JA197
DCMC21CA4S-JA197
DCMP21CA4S-VA197
DCMC21CA4S-VA197
DCMMP21XA4S-J
DCMMC21XA4S-J
DCM21XA4S-JNMBK52
DC
25W3
DCMP25C3S-JA197
DCMC25C3S-JA197
DCMP25C3S-VA197
DCMC25C3S-VA197
DCMMP25X3S-J
DCMMC25X3S-J
DCM25X3S-JNMBK52
DC
27W2
DCMP27C2S-JA197
DCMC27C2S-JA197
DCMP27C2S-VA197
DCMC27C2S-VA197
DCMMP27X2S-J
DCMMC27X2S-J
DCM27X2S-JNMBK52
* For 50 ohm coaxial inserts replace C with X, e.g.:DCM13C6S-J becomes DCM13X6S-J.
**For M-3 and other hardware options, see Combo D Catalog.
*** Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D- Contact factory for more information
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,65 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2,500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Dimensions
US version shown, for EU version please see
Combo D Catalog.
For 50 ohm coaxial version, see Combo D Catalog.
Receptacle
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com