Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2KMD40S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2KMD40S
Description  SCHOTTKY BARRIER BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2KMD40S Datasheet(HTML) 1 Page - Rectron Semiconductor

  2KMD40S Datasheet HTML 1Page - Rectron Semiconductor 2KMD40S Datasheet HTML 2Page - Rectron Semiconductor 2KMD40S Datasheet HTML 3Page - Rectron Semiconductor 2KMD40S Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY BARRIER BRIDGE RECTIFIER
VOLTAGE 40 Volts CURRENT 2.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
2KMD40S
MD-S
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
60
50
15
110
Amps
0
C/W
0
C
Storage Temperature Range
R ΘJ A
R ΘJ L
IO
pF
Operating Temperature Range
TJ
150
-55 to + 150
0
C
2KMD40S
2KMD40S
40
28
40
NOTES : 1. Thermal Resistance : At 9.5mm lead lengths, PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2012-02
REV:O
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward Voltage at 2.0 A DC
Volts
50
2
@TA = 25
oC
@TA = 100
oC
0.5
mA
UNITS
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.134 gram
1
2
3
4
.004(0.10) MAX.
.035(0.9)
.020(0.5)
.106(2.7)
.091(2.3)
.193(4.9)
.177(4.5)
.014(0.35)
.006(0.15)
.108(2.74)
.092(2.34)


Similar Part No. - 2KMD40S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2KMD20S RECTRON-2KMD20S Datasheet
572Kb / 4P
SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD20SJ RECTRON-2KMD20SJ Datasheet
102Kb / 6P
SCHOTTKY BARRIER BRIDGE REC
2KMD30S RECTRON-2KMD30S Datasheet
572Kb / 4P
SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD50S RECTRON-2KMD50S Datasheet
572Kb / 4P
SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD60S RECTRON-2KMD60S Datasheet
572Kb / 4P
SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - 2KMD40S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2KMD20S RECTRON-2KMD20S Datasheet
572Kb / 4P
SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD80S RECTRON-2KMD80S Datasheet
579Kb / 4P
SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD80SJ RECTRON-2KMD80SJ Datasheet
102Kb / 6P
SCHOTTKY BARRIER BRIDGE RECTIFIER
KMD20SJ RECTRON-KMD20SJ Datasheet
102Kb / 6P
SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS12 KISEMICONDUCTOR-MS12 Datasheet
5Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KABS12 ZSELEC-KABS12 Datasheet
134Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KABS22 ZSELEC-KABS22 Datasheet
140Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB32F ZSELEC-KMB32F Datasheet
394Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB32S ZSELEC-KMB32S Datasheet
397Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS220S ZSELEC-TS220S Datasheet
143Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com