Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7150LS220 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7150LS220
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS220 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7150LS220 Datasheet HTML 21Page - Analog Devices ADV7150LS220 Datasheet HTML 22Page - Analog Devices ADV7150LS220 Datasheet HTML 23Page - Analog Devices ADV7150LS220 Datasheet HTML 24Page - Analog Devices ADV7150LS220 Datasheet HTML 25Page - Analog Devices ADV7150LS220 Datasheet HTML 26Page - Analog Devices ADV7150LS220 Datasheet HTML 27Page - Analog Devices ADV7150LS220 Datasheet HTML 28Page - Analog Devices ADV7150LS220 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ADV7150
–25–
REV. A
WHITE
LEVEL
100 IRE
43 IRE
IOR, IOB
IOG
mA
mA
V
V
26.67
1.000
0.698
18.62
00
00
8.05
0.302
BLACK/
BLANK
LEVEL
SYNC
LEVEL
Figure 31. Composite Video Waveform SYNC
WHITE LEVEL
BLACK LEVEL
92.5 IRE
7.5 IRE
IOR, IOB, IOG
mA
V
19.05
0.714
00
1.44
0.054
BLANK LEVEL
Figure 32. Composite Video Waveform
(Pedestal = 7.5 IRE; RSET = 280 Ω)
WHITE LEVEL
100 IRE
IOR, IOB, IOG
mA
V
19.05
0.714
00
BLACK/ BLANK
LEVEL
Figure 33. Composite Video Waveform
(Pedestal = 0 IRE; RSET = 259 Ω)
RSET ( )
Video Signal
265
SYNC
decoded on IOG; Pedestal = 0 IRE
280
No SYNC decoded; Pedestal = 7.5 IRE
259
No SYNC decoded; Pedestal = 0 IRE
IPLL Synchronization Output Control
This output synchronization signal is used in applications where
it is necessary to synchronize multiple palette devices (ADV7150
+ ADV7151) to subpixel resolution. Each devices IPLL output
signal is in phase with its analog RGB output signal. If multiple
devices have differing output delays, the time difference can be
derived from the IPLL signals. This time difference is then used
to phase shift the CLOCK inputs on one or other of the devices
inputs.
The IPLL signal is internally triggered by either the falling edge
of SYNC or BLANK as determined by CR21 of Command
Register 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36