Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WCSCD56H Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # WCSCD56H
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

WCSCD56H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  WCSCD56H Datasheet HTML 1Page - Zowie Technology Corporation WCSCD56H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(20V~100V / 5.0A)
WCSCD52H THRU WCSCD510H
Unit : mm
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
52H
20
54H
40
56H
60
510H
100
V
IF(AV)
A
IFSM
A
Tj
TSTG
130
-55 to +125
-55 to +150
-55 to +150
8.3ms single half sine-wave
ITEM
Average forward current (SEE FIG.1)
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
WCSCD
5.0
Repetitive peak reverse voltage
Storage temperature Range
Schottky Barrier Diode
*
Compliance to RoHS product
* Lead free product, compliance to RoHS
* Lead less chip form, no lead damage
* Lead-free solder joint, no wire bond & lead frame
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 13" (330mm ± 2mm) reel
* 1 reels per box
* 5 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.093 gram
MECHANICAL DATA
OUTLINE DIMENSIONS
oC
oC
Electrical characteristics (Ta = 25
o
C)
VF
IF = 1 A
IF = 3 A
IF = 5 A
IF = 1 A
IF = 3 A
IF = 5 A
IF = 1 A
IF = 3 A
IF = 5 A
ITEM
Symbol
Conditions
Min.
Typ.
Type
V
-
-
-
0.38
0.45
0.52
-
-
0.55
WCSCD52H
/
WCSCD54H
V
-
-
-
0.42
0.52
0.65
-
-
0.70
WCSCD56H
V
WCSCD510H
-
-
-
0.53
0.69
0.79
-
-
0.85
Max.
Unit
Forward voltage (NOTE 1)
oC/W
-
55
-
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
oC/W
-
17
-
Rth(JL)
Junction to lead (NOTE 2)
pF
-
180
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
-
0.045
0.50
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
2011/05
REV. 0
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
(3) Preliminary draft.
MARKING
Cathode mark
Amps class
Series code
Voltage class
( 20V )
CSCD
52
JEDEC : DO-214AB
8.0 ± 0.1
0.05 ± 0.005
1.95 ± 0.1
1.95 ± 0.1
R0.8
± 0.02
Halogen-free type
.
Case : 3220
Voltage class:
2 = 20V, 4 = 40V, 6 = 60V, 10 = 100V


Similar Part No. - WCSCD56H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
WCSCD310H ZOWIE-WCSCD310H Datasheet
540Kb / 2P
Schottky Barrier Diode
WCSCD32H ZOWIE-WCSCD32H Datasheet
540Kb / 2P
Schottky Barrier Diode
WCSCD34H ZOWIE-WCSCD34H Datasheet
540Kb / 2P
Schottky Barrier Diode
WCSCD36H ZOWIE-WCSCD36H Datasheet
540Kb / 2P
Schottky Barrier Diode
More results

Similar Description - WCSCD56H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com