Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8481MM-S/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MM-S/NOPB
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8481MM-S/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP8481MM-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 9Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
2
4
6
8
10
12
14
VSENSE (V)
VCC> 14V
VCC = +4.5V to +76V
C1
0.1 PF
VOUT
To Load
+4.0V
to
+76V
RSENSE
ISENSE
ADC
RSN
RSP
GND
LMP8480
VIN+
VIN- VREF
VSENSE
VCC
LMP8480, LMP8481
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
UNI-DIRECTIONAL VS. BI-DIRECTIONAL OPERATION
Uni-directional operation is where the load current only flows in one direction (VSENSE is always positive).
Application examples would be PA monitoring, non-inductive load monitoring and laser or LED drivers. This
allows the output zero reference to be true zero volts on the output. The LMP8480 is designed for unidirectional
applications where the setting of VREF is not required. See the UNI-DIRECTIONAL OPERATION for more
details.
Bi-directional operation is where the load current can flow in both directions (VSENSE can be positive or
negative). Application examples would be battery charging or regenerative motor monitoring. The LMP8481 is
designed for bidirectional applications and has a pair of VREF pins to allow the setting of the output zero
reference level (VREF). See the BI-DIRECTIONAL OPERATION (LMP8481 ONLY) section for more details.
UNI-DIRECTIONAL OPERATION
The LMP8480 is designed for unidirectional current sense applications. The output of the amplifier will be equal
to the differential input voltage times the fixed device gain.
Figure 8. Uni-Directional Application with LMP8480
Figure 9. Uni-Directional Transfer Function for Gain-of-20 option
The output voltage can be calculated from:
VOUT = ( (VRSP – VRSN) * Av )
(1)
It should be noted that the minimum “zero” reading will be limited by the lower output swing and input offset.
The LMP8480 is functionally identical to the LMP8481, but with the VREFA and VREFB nodes grounded internally.
The LMP8481 can replace the LMP8480 if both the VREF inputs (pins 6 & 7) are grounded.
BI-DIRECTIONAL OPERATION (LMP8481 ONLY)
Bi-directional operation is required where the measured load current can be positive or negative. Because VSENSE
can be positive or negative, and the output cannot swing negative, the “zero” output level must be level-shifted
above ground to a known zero reference point. The LMP8481 allows for the setting this reference point.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com