| Electronic Components Datasheet Search |
|
DAC8222BTC/883 Datasheet(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8222BTC/883 Datasheet(HTML) 10 Page - Analog Devices |
|
10 / 15 page ![]() DAC8222 –10– REV. C Figure 24. Unipolar Configuration (Two-Quadrant Multiplication) APPLICATIONS INFORMATION UNIPOLAR OPERATION Figure 24 shows a simple unipolar (2-quadrant multiplication) circuit using the DAC8222 and OP270 dual op amp (use two OP42s for higher speeds), and Table II the corresponding code table. Resistors R1, R2, and R3, R4 are used only if full-scale gain adjustments are required. Low temperature coefficient (approximately 50 ppm/ °C) resistors or trimmers should be used. Maximum full-scale error without these resistors for the top grade device and VREF = ±10 V is 0.024% and 0.097% for the low grade. C1 and C2 provide phase compensation to help reduce overshoot and ringing when high speed op amps are used. Full-scale adjustment is accomplished by loading the digital inputs with all 1s and adjusting R1 (or R3) so that VOUT = VREF × 4095 4096 Full-scale can also be adjusted by varying VREF voltage, thus eliminating R1, R2, R3 and R4. Zero adjustment is performed by setting the DAC’s digital inputs to all 0s and adjusting the op amp’s offset adjust so that VOUT = 0 V. To maintain monotonic- ity and minimize gain and linearity errors, it is recommended that the op amp offset voltage be adjusted to less than 10% of 1 LSB (244 µV) over the operating temperature range of interest. Table II. Unipolar Binary Code Table (Refer to Figure 24) Binary Number in DAC Register Analog Output, VOUT MSB LSB (DAC A or DAC B) 1111 1111 1111 –VREF 4095 4096 1000 0000 0000 –VREF 2048 4096 = –1/2 VREF 0000 0000 0001 –VREF 1 4096 0000 0000 0000 0 V NOTE 1 LSB = (2 –12) (V REF) = 1 4096 (VREF) BIPOLAR OPERATION The bipolar (offset binary) four-quadrant operation configura- tion using the DAC8222 is shown in Figure 25 and the corre- sponding code in Table III. The circuit makes use of the OP470 a quad op amp (use four OP42s for higher speeds). Resistors R1, R2, R3, and R4 may be omitted and full-scale output voltage may be adjusted by varying VREF or the value of R5 and R8. If resistors R1, R2, R3, and R4 are omitted, * RESISTORS R1 THROUGH R4 ARE ONLY NECESSARY TO TRIM FOR ABSOLUTE ACCURACY BETTER THAN 0.01%, SEE TEXT FOR COMPLETE DETAILS. ** REGISTERS AND CONTROL CIRCUITRY OMITTED FOR SIMPLICITY. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |