Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7477CB Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-AD7477CB
Description  Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7477CB Datasheet(HTML) 2 Page - Analog Devices

  EVAL-AD7477CB Datasheet HTML 1Page - Analog Devices EVAL-AD7477CB Datasheet HTML 2Page - Analog Devices EVAL-AD7477CB Datasheet HTML 3Page - Analog Devices EVAL-AD7477CB Datasheet HTML 4Page - Analog Devices EVAL-AD7477CB Datasheet HTML 5Page - Analog Devices EVAL-AD7477CB Datasheet HTML 6Page - Analog Devices EVAL-AD7477CB Datasheet HTML 7Page - Analog Devices EVAL-AD7477CB Datasheet HTML 8Page - Analog Devices EVAL-AD7477CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EVAL-AD7476/77CB
–2–
REV. 0
LINK AND SWITCH OPTIONS
There are 12 link options which must be set for the required operating setup before using the evaluation board. The
functions of these options are outlined below.
Link No.
Function.
LK1
This link option is used to select a 50W termination on the analog input buffer circuit.
When this link is “inserted” the 50W termination is applied.
When this link is “removed” the 50W termination is removed.
LK2
This link option controls the program pin of the AD780 voltage reference.
When this link is “inserted” the AD780 output voltage is set to +3.0 V.
When this link is “removed” the AD780 output voltage is set to +2.5 V.
LK3
This link is used to select a 50W termination on the input of the bias-up circuit.
When this link is “inserted” the 50W termination is applied.
When this link is “removed” the 50W termination is removed.
LK4
This link option is used to connect the output of either the REF195 or the AD780 to the VDD pin of the
AD7476/77 ( if link 12 is in position C).
When this link is in position A the AD780 supplies the VDD voltage for the AD7476/77.
When this link is in position B the REF195 supplies the VDD voltage for the AD7476/77.
LK5
This link option sets the DC bias voltage that is applied to the optional bias-up/filter circuit.
When this link is in position “A”, the bias voltage is set to the same level as the voltage that is applied
to the AD7476/77
VDD pin. In this configuration a bipolar analog input applied to the Vin SMB socket is
biased up by the bias circuit and is presented at the Vbiased SMB as a uni-polar signal biased around
VDD/2.
When this link option is placed in position “B”, the bias voltage is set to AGND. In this configuration the bias-
up circuit is not used.
LK6
This link option is used to select the source of the +12 V supply.
In position A, the +12 V is supplied from the EVAL-CONTROL BOARD through the 96 way connector.
In position B, the +12 V is supplied from an external source through the power connector, J6.
LK7
This link option is used to select the source of the -12 V supply.
In position A, the -12 V is supplied from the EVAL-CONTROL BOARD through the 96 way connector.
In position B, the -12 V is supplied from an external source through the power connector, J6.
LK8-9
These links control the transfer of data from the AD7476/77 during a conversion for various frequencies of
SCLK.
Link 8 and 9 should be in position "A" for slower SCLK frequencies, giving valid data on the rising edge.
Link 8 and 9 should be in position "B" for fast SCLK frequencies, giving valid data on the following edge.
LK10
This link selects the source of the Vcc +5 V supply for the 74LS04.
When this link is in position "A", Vcc power is supplied from the same power source supplying the AD7476/
77 VDD pin.
When this link is in position "B", VCC power must be must be supplied from an external source via the power
connector, J5.
LK11
This link option is used to connect the input of the VIN analog buffer to the AIN input socket or to AGND.
When this link is in position “A” the AIN socket is tied to the input of the VIN buffer. In this configuration,
an analog signal applied to the Ain input socket is buffered and presented at the AD7476/77 VIN input.
When this link is in position “B” the VIN buffer input is tied to AGND.
LK12
This link selects the source of the VDD supplied to the AD7476/77.
When this link is in position “A” the VDD must be supplied from an external source via J5.
When this link is in position “B” the VDD is supplied from the EVAL-CONTROL BOARD.
When this link is in position “C” the VDD is supplied from either the AD780 or the REF195 references.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com