Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF4213EB2 Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADF4213EB2
Description  2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4213EB2 Datasheet(HTML) 6 Page - Analog Devices

  EVAL-ADF4213EB2 Datasheet HTML 1Page - Analog Devices EVAL-ADF4213EB2 Datasheet HTML 2Page - Analog Devices EVAL-ADF4213EB2 Datasheet HTML 3Page - Analog Devices EVAL-ADF4213EB2 Datasheet HTML 4Page - Analog Devices EVAL-ADF4213EB2 Datasheet HTML 5Page - Analog Devices EVAL-ADF4213EB2 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
REV.PrA 01/00
– 6 –
EVAL-ADF4213EB2
Qty Refe rence
De scription
Manufacture r
PCB DECAL
VALUE
1
U1
ADF4213BRU
ADI
TSSOP-20
ADF4213BRU
1
U2
AD7706BR
ADI
SO16W B
AD7706BR
1
U3
AD780AR
ADI
SO8NB
AD780AR
1
U4
ADP3300ART-5
ADI
SOT23-6
ADP3300ART-5
1
U5
ADP3300ART-3
ADI
SOT23-6
ADP3300ART-3
1
VCO1
2350MHz VCO
Vari-L
VCO190-2350T
1
VCO2
775MHz VCO
Vari-L
VCO190-775T
1
Y1
4.9152MHz Crystal
V ectron International
HC49 low profile
VXA1-1011
1Y2
19.2 MHz TCXO
V ectron International
OSC-3B0-19.2MHZ
1
D1
SD103C Schottky Diode
General Semiconductor
DO35
SD103C
1
D2
IN4001
D035
FEC 365-117
1
D3
Red Low Power LED
Vishay
LED
FEC 657-130
1
D4
Green Low Power LED (Do Not Insert)
Vishay
LED
FEC 657-141
6
C1 C5 C7 C9 C11 C41
Multi Layer Ceramic Capacitor
Murata
Case 0603
0.1uF
1
C2
Tantalum Capacitor
AVX
CAP\TAJ_B
10uF 6.3V
3
C3 C29 C31
Tantalum Capacitor
AVX
CAP\TAJ_A
22uF 6.3V
7
C4 C6 C8 C10 C12 C30 C32
Multi Layer Ceramic Capacitor
Murata
Case 0603
10pF
2
C13-14
Multi Layer Ceramic Capacitor
Murata
Case 0603
1nF
6
C15-17 C26-28
Multi Layer Ceramic Capacitor
Murata
Case 0603
100pF
1
C18
Multi Layer Ceramic Capacitor
Murata
Case 0805
1.5nF
1
C19
Multi Layer Ceramic Capacitor
Murata
Case 0805
15nF
1
C20
Multi Layer Ceramic Capacitor
Murata
Case 0805
18pF
2
C21-22
Multi Layer Ceramic Capacitor
Murata
Case 0603
33pF
1
C23
Multi Layer Ceramic Capacitor
Murata
Case 0805
680pF
1
C24
Multi Layer Ceramic Capacitor
Murata
Case 0805
6.8nF
1
C25
Multi Layer Ceramic Capacitor
Murata
Case 0805
82pF
3
C33 C36 C40
Multi Layer Ceramic Capacitor
Murata
Case 0603
10nF
2
C34 C37
Tantalum Capacitor
AVX
CAP\TAJ_A
1uF 16V
2
C35 C38
Tantalum Capacitor
AVX
CAP\TAJ_A
4.7uF 10V
2
C39 C42
Tantalum Capacitor
AVX
CAP\TAJ_A
10uF 6.3V
1
R1
Resistor (Surface Mount)
Bourns
Case 0805
20r 1.0%
7
R2 R5-10
Resistor (Surface Mount)
Bourns
Case 0603
330r 1.0%
1
R3
Resistor (Surface Mount)
Bourns
Case 0603
3k3 1.0%
1
R4
Do Not Insert
Bourns
Case 0603
1
R11
Do Not Insert
Bourns
Case 0603
6
R12-14 R21-23
Resistor (Surface Mount)
Bourns
Case 0603
18r 1.0%
2
R15 R24
Resistor (Surface Mount)
Bourns
Case 0603
51r 1.0%
1
R16
Resistor (Surface Mount)
Bourns
Case 0805
2k4 1.0%
1
R17
Resistor (Surface Mount)
Bourns
Case 0805
20k 1.0%
1
R18
Resistor (Surface Mount)
Bourns
Case 0603
1M 1.0%
1
R19
Resistor (Surface Mount)
Bourns
Case 0805
4k7 1.0%
1
R20
Resistor (Surface Mount)
Bourns
Case 0805
20k 1.0%
1
R25
Resistor (Surface Mount)
Bourns
Case 0805
4k7 1.0%
1
R26
Resistor (Surface Mount)
Bourns
Case 0603
2k7 1.0%
3
R27-29
Resistor (Surface Mount)
Bourns
Case 0603
10k 1.0%
6
R30-33 R40-41
Resistor (Surface Mount)
Meggitt
Case 0603
100k 0.1%
2
R34-35
Resistor (Surface Mount)
Bourns
Case 0603
0r 1.0%
2
R36 R37
Resistor (Surface Mount)
Bourns
Case 0603
330k 1.0%
2
R38 R39
Resistor (Surface Mount)
Bourns
Case 0603
0r 1.0%
1
R42
Resistor (Surface Mount)
Bourns
Case 0603
4k7 1.0%
1
SW 1
Push Button Switch
Omron
SW \PB-SMALL
FEC 176-986
1
SW 2
SPDT Switch - (W ashable)
Apem
SW _SIP-3P
FEC 150-559
21
T1-21
Red Testpoint
W Hughes
TESTPOINT
FEC-240-345
1
J1
9 PIN D-TYPE MALE (HORIZ)
McMurdo
DCON9M
FEC 150-750
4
J2 J3 J4 J5 J6
Do Not Insert
SMA
2
J6 J7
GOLD 50
Ω SMA SOCKET
Pasternack
SMA
PE4118
3
LK1 LK4 LK5
3 pin header
Harwin
SIP-3P
FEC 512-047
3
LK2-A LK3-B LK6-A
W ire link
3
LK1 LK4 LK5
Shorting Shunt
Harwin
FEC 150-410
4
Each Corner
Rubber Stick-On Feet
3M
FEC 148-922
2
P1
Pair PCB snap-on battery connector
Keystone
BATT_PP3
FEC 723-988
1
P1
9V PP3 Battery
Duracell
FEC 908-526
1
PCB
EVAL-ADF421XEB-5 (Rev. A)
Parts Free issued by ADI.
Leave position blank - Do not insert.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com