Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE9869 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9869
Description  WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE 7:00 TO 11:00GH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9869 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9869 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9869

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9860-10 PASTERNACK-PE9860-10 Datasheet
280Kb / 2P
STANDARD GAIN HORN WR159
PE9860-10 PASTERNACK-PE9860-10 Datasheet
594Kb / 4P
Waveguide Standard Gain Horn
PE9860-10 PASTERNACK-PE9860-10 Datasheet
408Kb / 2P
STANDARD GAIN HORN
PE9860-10 PASTERNACK-PE9860-10_18 Datasheet
594Kb / 4P
Waveguide Standard Gain Horn
PE9860-15 PASTERNACK-PE9860-15 Datasheet
427Kb / 2P
STANDARD GAIN HORN WR159
More results

Similar Description - PE9869

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9821 PASTERNACK-PE9821 Datasheet
69Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:4,90~7:05 GHz
PE9846 PASTERNACK-PE9846 Datasheet
76Kb / 1P
WAVEGUIDE END LAUNCH TO SMA TYPE FEMALE FREQUENCY RANGE: 12,40 TO 18,00
PE9847 PASTERNACK-PE9847 Datasheet
74Kb / 1P
WAVEGUIDE END LAUNCH TO SMA FEMALE FREQUENCY RANGE:10,0~15,0 GHz
PE9848 PASTERNACK-PE9848 Datasheet
76Kb / 1P
WAVEGUIDE END LAUNCH TO SMA TYPE FEMALE FREQUENCY RANGE: 8,20~12,40 GHz
PE9849 PASTERNACK-PE9849 Datasheet
75Kb / 1P
WAVEGUIDE END LAUNCH TO SMA TYPE FEMALE FREQUENCY RANGE: 7,00~11,00 GHz
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
PE9866 PASTERNACK-PE9866 Datasheet
77Kb / 1P
WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE:12,40 TO 18,00 GHz
PE9867 PASTERNACK-PE9867 Datasheet
75Kb / 1P
WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE: 10,00~15,00 GHz
PE9868 PASTERNACK-PE9868 Datasheet
74Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:8,20 TO 12,40 GHz
PE9871 PASTERNACK-PE9871 Datasheet
345Kb / 3P
WR-102 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com