Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE9196 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9196
Description  N Male to SC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9196 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9196 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9196 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male to SC Female Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
SC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Size
Length, in [mm]
1.618 [41.1]
Width/Dia., in [mm]
0.82 [20.83]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-sc-female-straight-adapter-pe9196-p.aspx
N Male to SC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
N Male to SC Female Adapter
PE9196
PE9196 REV


Similar Part No. - PE9196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9191 PASTERNACK-PE9191 Datasheet
242Kb / 2P
SSMA Female to BNC Male Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9193 PASTERNACK-PE9193 Datasheet
106Kb / 3P
HN FEMALE TO HN FEMALE BULKHEAD FEEDTHRU
PE9193 PASTERNACK-PE9193 Datasheet
249Kb / 3P
Bulkhead HN Female to HN Female Adapter
More results

Similar Description - PE9196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9200 PASTERNACK-PE9200 Datasheet
241Kb / 2P
SC Male to BNC Female Adapter
PE9277 PASTERNACK-PE9277 Datasheet
233Kb / 2P
N Female to SC Male Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
PE9403 PASTERNACK-PE9403 Datasheet
244Kb / 2P
SC Male to SC Male Adapter
PE9404 PASTERNACK-PE9404 Datasheet
239Kb / 2P
SC Female to SC Female Adapter
PE9405 PASTERNACK-PE9405 Datasheet
243Kb / 3P
SC Male to SC Female Right Angle Adapter
PE9570 PASTERNACK-PE9570 Datasheet
253Kb / 2P
N Male to SC Male Adapter
PE9572 PASTERNACK-PE9572 Datasheet
253Kb / 2P
SC Male to SC Female Adapter
PE9573 PASTERNACK-PE9573 Datasheet
244Kb / 2P
SC Female to SC Female Bulkhead Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com