Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OP196GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP196GS
Description  Micropower, Rail-to-Rail Input and Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196GS Datasheet(HTML) 5 Page - Analog Devices

  OP196GS Datasheet HTML 1Page - Analog Devices OP196GS Datasheet HTML 2Page - Analog Devices OP196GS Datasheet HTML 3Page - Analog Devices OP196GS Datasheet HTML 4Page - Analog Devices OP196GS Datasheet HTML 5Page - Analog Devices OP196GS Datasheet HTML 6Page - Analog Devices OP196GS Datasheet HTML 7Page - Analog Devices OP196GS Datasheet HTML 8Page - Analog Devices OP196GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP196/OP296/OP496
REV. B
–5–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15 V
Differential Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . +15 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
P, S, RU Package . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP196G, OP296G, OP496G, H . . . . . . . – 40
°C to +125°C
Junction Temperature Range
P, S, RU Package . . . . . . . . . . . . . . . . . . . – 65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
Package Type
JA
3
JC
Units
8-Lead Plastic DIP
103
43
°C/W
8-Lead SOIC
158
43
°C/W
8-Lead TSSOP
240
43
°C/W
14-Lead Plastic DIP
83
39
°C/W
14-Lead SOIC
120
36
°C/W
14-Lead TSSOP
180
35
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2For supply voltages less than +15 V, the absolute maximum input voltage is
equal to the supply voltage.
3
θ
JA is specified for the worst case conditions, i.e.,
θ
JA is specified for device in
socket for P-DIP package;
θ
JA is specified for device soldered in circuit board
for SOIC and TSSOP packages.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the OP196/OP296/OP496 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, pro per
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP196GP
–40
°C to +125°C
8-Lead Plastic DIP
N-8
OP196GS
–40
°C to +125°C
8-Lead SOIC
SO-8
OP296GP
–40
°C to +125°C
8-Lead Plastic DIP
N-8
OP296GS
–40
°C to +125°C
8-Lead SOIC
SO-8
OP296HRU
–40
°C to +125°C
8-Lead TSSOP
RU-8
OP496GP
–40
°C to +125°C
14-Lead Plastic DIP N-14
OP496GS
–40
°C to +125°C
14-Lead SOIC
SO-14
OP496HRU
–40
°C to +125°C
14-Lead TSSOP
RU-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com