Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIM400GDM33-F032 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DIM400GDM33-F032
Description  Dual Switch IGBT Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400GDM33-F032 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DIM400GDM33-F032 Datasheet HTML 1Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 2Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 3Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 4Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 5Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 6Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 7Page - Dynex Semiconductor DIM400GDM33-F032 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM400GDM33-F032
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
7/8
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services.
All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
0.5
57 ±0.25
57 ±0.25
25.5 ±0.2
29.5 ±0.2
43 ±0.2
47 ±0.2
45 ±0.2
29.5 ±0.2
55.2 ±0.3
11.85 ±0.2
29.5 ± 0.5
28.2 ±0.5
4 x M8
6 x M4
screwing depth
max 16
screwing depth
max 8
6 x
7
Ø
130 ±
Nominal Weight: 1000g
Module Outline Type Code:
G
Fig. 11 Module outline drawing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com