Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM2120 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2120
Description  Dynamic Range Processors/Dual VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices SSM2120 Datasheet HTML 10Page - Analog Devices SSM2120 Datasheet HTML 11Page - Analog Devices SSM2120 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SSM2120/SSM2122
REV. C
–11–
FADER AUTOMATION
The SSM2120 can be used in fader automation systems to serve
two channels. The inverting control port is connected through
an attenuator to the VCA control voltage source. The noninverting
control port is connected to a control circuit (such as Figure 6)
which senses the input signal level to the VCA. Above the
threshold voltage, which can be set quite low (for example
–60 dBV), the VCA operates at its programmed gain. Below
this threshold the VCA will downward expand at a rate deter-
mined by the +VC control port attenuator. By keeping the release
time constant in the 10 ms to 25 ms range, the modulation of
the VCA standing noise floor (–80 dB at unity-gain), can be
kept inaudibly low.
The SSM2300 8-channel multiplexed sample-and-hold IC
makes an excellent controller for VCAs in automation systems.
Figure 16 shows the basic connection for the SSM2122 operating
as a unity-gain VCA with its noninverting control ports grounded
and access to the inverting control ports. This is typical for fader
automation applications. Since this device is a pinout option of
the SSM2120, the VCAs will behave exactly as described
earlier in the VCA section.
The SSM2122 can also be used with two or more op amps to
implement complex voltage-controlled filter functions. Biquad
and state-variable two-pole filters offering low pass, bandpass
and high pass outputs can be realized. Higher order filters can
also be formed by connecting two or more such stages in series.
V–
2000pF
47
Ω
36k
Ω
36k
Ω
10pF
1/2
TL082
V+
10pF
0.1µF
+15V
200
Ω
SIGOUT 2
SIGOUT 1
–VC2
–VC1
SIGIN 1
1/2
TL082
8
1
2
3
4
7
6
5
14
13
12
11
16
15
10
9
SSM2122
200
Ω
220k
Ω
200
Ω
220k
Ω
200
Ω
50k
Ω*
150k
Ω
V+
36k
Ω
V–
V+
50k
Ω*
2000pF
47
Ω
36k
Ω
SIGIN 2
0.1µF
–15V
*OPTIONAL CONTROL FEEDTHROUGH TRIM
Figure 16. SSM2122 Basic Connection (Control Ports at 0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com