Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM2165 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2165
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2165 Datasheet(HTML) 4 Page - Analog Devices

  SSM2165 Datasheet HTML 1Page - Analog Devices SSM2165 Datasheet HTML 2Page - Analog Devices SSM2165 Datasheet HTML 3Page - Analog Devices SSM2165 Datasheet HTML 4Page - Analog Devices SSM2165 Datasheet HTML 5Page - Analog Devices SSM2165 Datasheet HTML 6Page - Analog Devices SSM2165 Datasheet HTML 7Page - Analog Devices SSM2165 Datasheet HTML 8Page - Analog Devices SSM2165 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
REV. A
SSM2165
–4–
COMPRESSION RATIO
1:1
15:1
2:1
5:1
10:1
160
120
200
40
80
0
TA = +25 C
VS = +5V
RL = 100k
SSM2165–1
SSM2165–2
220
20
240
260
60
100
140
180
Figure 2. Compression Ratio vs. RCOMP
INPUT – V rms
1
0.1
0.01
1
0.1
5
TA = +25 C
COMP RATIO = 1:1
RL = 100k /10k
VS = +5V
SSM2165–2
SSM2165–1
0.050
Figure 3. THD + N (%) vs. Input (V rms)
FREQUENCY – Hz
1
0.1
20
30k
100
1k
10k
5
TA = +25 C
VS = +5V
COMP RATIO = 1:1
VIN = –20dBu (–1)
VIN = –30dBu (–2)
RL = 100k
SSM2165–2
SSM2165–1
0.050
Figure 4. THD + N (%) vs. Frequency (Hz)
10
0%
100
90
1s
5 V
TA = +25 C
COMPRESSION RATIO = 15:1
NOISE BW = 20kHz
Figure 5. Wideband Output Noise
FREQUENCY – Hz
70
60
–20
1k
1M
10k
100k
50
40
0
30
20
10
–10
COMP RATIO = 15:1
RCOMP = 0
VIN = 40 V rms
G = 18dB
G = 8dB
Figure 6. GBW Curves vs. VCA Gain
FREQUENCY – Hz
20
30k
100
1k
–30
–40
–50
–60
–70
10k
V+ = 5 1V p-p
Figure 7. PSRR vs. Frequency, Referred to Input
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com