Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM2250 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2250
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250 Datasheet(HTML) 4 Page - Analog Devices

  SSM2250 Datasheet HTML 1Page - Analog Devices SSM2250 Datasheet HTML 2Page - Analog Devices SSM2250 Datasheet HTML 3Page - Analog Devices SSM2250 Datasheet HTML 4Page - Analog Devices SSM2250 Datasheet HTML 5Page - Analog Devices SSM2250 Datasheet HTML 6Page - Analog Devices SSM2250 Datasheet HTML 7Page - Analog Devices SSM2250 Datasheet HTML 8Page - Analog Devices SSM2250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SSM2250
–4–
REV. 0
FREQUENCY – Hz
10
0.1
1
20
20k
100
1k
10k
VS = 5V
BTL MODE
RL = 8
CB = 1 F
POUT = 1W
AV = 2
Figure 2. BTL Out THD + N vs. Frequency
20
20k
100
1k
10k
FREQUENCY – Hz
10
0.1
1
VS = 2.7V
BTL MODE
RL = 8
CB = 1 F
POUT = 0.25W
AV = 2
Figure 3. BTL Out THD + N vs. Frequency
OUTPUT POWER – W
10
1
0.1
10m
2
100m
1
VS = VARIES
BTL MODE
RL = 8
CB = 1 F
VIN = 1kHz
AV = 2
2.7V
3.3V
5V
Figure 4. THD + N vs. Output Power
FREQUENCY – Hz
1
0.01
20
20k
100
1k
0.1
10k
VS = 5V
SE MODE
RL = 32
CB = 1 F
POUT = 60mW
AV = 1
Figure 5. SE Out THD + N vs. Frequency
FREQUENCY – Hz
1
0.01
20
20k
100
1k
0.1
10k
VS = 2.7V
SE MODE
RL = 32
CB = 1 F
POUT = 15mW
AV = 1
Figure 6. SE Out THD + N vs. Frequency
OUTPUT POWER – mW
10
1
0.01
10
200
100
0.1
5V
3.3V
SE MODE
RL = 32
CB = 1 F
VIN = 1kHz
2.7V
Figure 7. BTL Out THD + N vs. Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com