Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE9268 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9268
Description  Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9268 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9268 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9268 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
Configuration
Connector 1
MHV Female
Impedance 1
50 Ohms
Connector 2
MHV Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Mechanical Specifications
Size
Length, in [mm]
1.433 [36.4]
Width/Dia., in [mm]
0.688 [17.48]
.
Connector 1
Type
MHV Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
MHV Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-female-mhv-female-straight-adapter-pe9268-p.aspx
Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Bulkhead Hermetically Sealed MHV
Female to MHV Female Adapter
PE9268
PE9268 REV


Similar Part No. - PE9268

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9260 PASTERNACK-PE9260 Datasheet
244Kb / 2P
SMA Female to GR874 Sexless Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9263 PASTERNACK-PE9263 Datasheet
251Kb / 3P
N Female to TNC Male Right Angle Adapter
More results

Similar Description - PE9268

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9211 PASTERNACK-PE9211 Datasheet
241Kb / 3P
MHV Tee Adapter Female-Male-Female
PE9264 PASTERNACK-PE9264 Datasheet
234Kb / 2P
HN Male to MHV Female Adapter
PE9265 PASTERNACK-PE9265 Datasheet
238Kb / 2P
MHV Female to SHV Plug Adapter
PE9266 PASTERNACK-PE9266 Datasheet
237Kb / 2P
MHV Male to MHV Female Right Angle Adapter
PE9267 PASTERNACK-PE9267 Datasheet
251Kb / 3P
MHV Female to MHV Female Adapter
PE9297 PASTERNACK-PE9297 Datasheet
249Kb / 3P
BNC Female to MHV Male Adapter
PE9339 PASTERNACK-PE9339 Datasheet
238Kb / 2P
MHV Female to SHV Jack Adapter
PE9406 PASTERNACK-PE9406 Datasheet
241Kb / 2P
BNC Male to MHV Female Adapter
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4495 PASTERNACK-PE4495_16 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com