Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBR941LT3 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBR941LT3
Description  NPN Silicon Low Noise, High-Frequency Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR941LT3 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBR941LT3 Datasheet HTML 1Page - Motorola, Inc MMBR941LT3 Datasheet HTML 2Page - Motorola, Inc MMBR941LT3 Datasheet HTML 3Page - Motorola, Inc MMBR941LT3 Datasheet HTML 4Page - Motorola, Inc MMBR941LT3 Datasheet HTML 5Page - Motorola, Inc MMBR941LT3 Datasheet HTML 6Page - Motorola, Inc MMBR941LT3 Datasheet HTML 7Page - Motorola, Inc MMBR941LT3 Datasheet HTML 8Page - Motorola, Inc MMBR941LT3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MMBR941 MRF947 MRF9411 SERIES
2–2
MOTOROLA RF DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
MMBR941LT1, T3
MRF9411LT1
MRF947 Series
Unit
Collector–Emitter Voltage
VCEO
10
10
10
Vdc
Collector–Base Voltage
VCBO
20
20
20
Vdc
Emitter–Base Voltage
VEBO
1.5
1.5
1.5
Vdc
Power Dissipation (1) TC = 75°C
Derate linearly above Tcase = 75°C @
PDmax
0.25
3.33
0.25
3.33
0.188
2.5
Watts
mW/
°C
Collector Current — Continuous (2)
IC
50
50
50
mA
Maximum Junction Temperature
TJmax
150
150
150
°C
Storage Temperature
Tstg
– 55 to +150
– 55 to +150
– 55 to +150
°C
Thermal Resistance,
Junction to Case
R
θJC
300
300
400
°C/W
DEVICE MARKING
MMBR941LT1 = 7Y
MMBR941BLT1 = 7N
MRF947T1, T3 = A
MRF947BT1 = H
MRF9411LT1 = 10
MRF947AT1 = G
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (3)
Collector–Emitter Breakdown Voltage
(IC = 0.1 mA, IB = 0)
All
V(BR)CEO
10
12
Vdc
Collector–Base Breakdown Voltage
(IC = 0.1 mA, IE = 0)
All
V(BR)CBO
20
23
Vdc
Emitter Cutoff Current
(VEB = 1.0 V, IC = 0)
All
IEBO
0.1
µAdc
Collector Cutoff Current
(VCB = 10 V, IE = 0)
All
ICBO
0.1
µAdc
ON CHARACTERISTICS (3)
DC Current Gain
(VCE = 6.0 V, IC = 5.0 mA) (MMBR941LT1, MRF9411LT1)
(MMBR941BLT1)
hFE
50
100
200
200
DC Current Gain (VCE = 1.0 V, IC = 500 µA)
MRF947T1, MRF947BT1
hFE1
50
DC Current Gain
(VCE = 6.0 V, IC = 5.0 mA)
MRF947T1, T3
MRF947AT1
MRF947BT1
hFE2
hFE3
hFE4
50
75
100
150
200
DYNAMIC CHARACTERISTICS
Collector–Base Capacitance
(VCB = 10 V, IE = 0, f = 1.0 MHz)
All
Ccb
0.35
pF
Current Gain — Bandwidth Product
(VCE = 6.0 V, IC = 15 mA, f = 1.0 GHz)
All
fT
8.0
GHz
NOTE:
1. To calculate the junction temperature use TJ = PD x R
θJC + TCASE. Case temperature measured on collector lead immediately adjacent to
body of package.
2. IC — Continuous (MTBF ≈ 10 years).
3. Pulse width
≤ 300 µs, duty cycle ≤ 2% pulsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com