Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT5040CNR Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT5040CNR
Description  N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5040CNR Datasheet(HTML) 4 Page - Advanced Power Technology

  APT5040CNR Datasheet HTML 1Page - Advanced Power Technology APT5040CNR Datasheet HTML 2Page - Advanced Power Technology APT5040CNR Datasheet HTML 3Page - Advanced Power Technology APT5040CNR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Q
g
, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
g
3.81 (.150) BSC
1.14 (.045)
.89 (.035)
Dia. Typ.
3 Leads
13.84 (.545)
13.59 (.535)
31.37 (1.235)
30.35 (1.195)
13.84 (.545)
13.59 (.535)
3.78 (.149)
3.53 (.139)
1.27 (.050)
1.02 (.040)
6.60 (.260)
6.32 (.249)
3.81 (.150) BSC
6.91 (.272)
6.81 (.268)
Drain
Source
Gate
Dia.
20.32 (.800)
20.07 (.790)
17.40 (.685)
16.89 (.665)
Dimensions in Millimeters and (Inches)
TO-254AA Package Outline
APT5040CNR
T
C
=+25
°C
T
J
=+150
°C
SINGLE PULSE
1
µS
10
µS
100
µS
1mS
10mS
OPERATION HERE
LIMITED BY R
DS
(ON)
DC
I
D
= I
D
[Cont.]
Crss
Coss
Ciss
TJ =+150°CTJ =+25°C
VDS=400V
VDS=250V
VDS=100V
1
5
10
50 100
500
0
10
20
30
40
50
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
10,000
1,000
100
10
100
50
20
10
5
2
1
60
10
5
1
0.5
.1
20
16
12
8
4
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com