Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0090.0010 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0090.0010
Description  Breaking capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0090.0010 Datasheet(HTML) 2 Page - Schurter Inc.

  0090.0010 Datasheet HTML 1Page - Schurter Inc. 0090.0010 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
ASO 0.3x38
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VDC]
Breaking
Capacity
Power Dissi-
pation .0 In
typ. [mW]
Melting I²t 20
kA typ. [A²s]
Order Number
1
1000
1)
778
0.325
l
l
0090.0001
2
1000
1)
1905
1.012
l
l
0090.0002
3
1000
1)
2000
10.15
l
l
0090.0003
4
1000
1)
2200
9.46
l
l
0090.0004
5
1000
1)
1858
25.2
l
l
0090.0005
6
1000
1)
1952
46.3
l
l
0090.0006
8
1000
1)
1790
130
l
l
0090.0008
10
1000
1)
2580
252
l
l
0090.0010
12
1000
1)
2896
360
l
l
0090.0012
15
1000
1)
1914
505
l
l
0090.0015
20
1000
1)
2516
1313
l
l
0090.0020
25
1000
1)
2981
2371
l
l
0090.0025
30
1000
1)
3923
2679
l
l
0090.0030
1)20kA@1000VDC,L/R<2ms
Packaging Unit
Bulk(10pcs.)
Time-Current-Curves
0.1
0.0001
0.001
0.01
1
10
100
1000
10000
1
100
10
1000
0090.0001
0090.0002
0090.0003
0090.0004
0090.0005
0090.0006
0090.0008
0090.0010
0090.0012
0090.0015
0090.0020
0090.0025
0090.0030
Current in Amperes
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com