Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3735LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3735LF
Description  CABLE ASSEMBLY RG214/U MHV/MALE TO MHV MALE(LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3735LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3735LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MHV MALE
RG214/U
MHV MALE
PE3735LF-XX
CABLE ASSEMBLY, RG214/U, MHV MALE TO
MHV MALE (LEAD FREE)
50 OHM
50 OHM
50 OHM
MHV
MALE
MHV
MALE
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
013008
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE3735LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3735 PASTERNACK-PE3735 Datasheet
264Kb / 1P
CABLE ASSEMBLY, RG214/U,MHV MALE TO MHV MALE
PE37357 PASTERNACK-PE37357 Datasheet
96Kb / 1P
CABLE ASSEMBLY, RG8X, TNC MALE TO N MALE
PE37357-12 PASTERNACK-PE37357-12 Datasheet
96Kb / 1P
CABLE ASSEMBLY, RG8X, TNC MALE TO N MALE
PE37357-24 PASTERNACK-PE37357-24 Datasheet
96Kb / 1P
CABLE ASSEMBLY, RG8X, TNC MALE TO N MALE
PE37357-36 PASTERNACK-PE37357-36 Datasheet
96Kb / 1P
CABLE ASSEMBLY, RG8X, TNC MALE TO N MALE
More results

Similar Description - PE3735LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33516LF PASTERNACK-PE33516LF Datasheet
278Kb / 1P
CABLE ASSEMBLY RG214/U MHV MALE TO SHV PLUG(LEAD FREE)
PE34423 PASTERNACK-PE34423 Datasheet
265Kb / 1P
CABLE ASSEMBLY RG225/U MHV MALE TO MHV MALE TO MHV MALE
PE3694LF PASTERNACK-PE3694LF Datasheet
274Kb / 1P
CABLE ASSEMBLY RG223/U MHV MALE TO MHV MALE(LEAD FREE)
PE34427LF PASTERNACK-PE34427LF Datasheet
274Kb / 1P
CABLE ASSEMBLY RG174A/U MHV MALE TO MHV MALE(LEAD FREE)
PE34429LF PASTERNACK-PE34429LF Datasheet
113Kb / 1P
CABLE ASSEMBLY RG141A/U MHV MALE TO MHV MALE(LEAD FREE)
PE34431LF PASTERNACK-PE34431LF Datasheet
275Kb / 1P
CABLE ASSEMBLY RG18A/U MHV MALE TO MHV MALE(LEAD FREE)
PE34425LF PASTERNACK-PE34425LF Datasheet
230Kb / 1P
CABLE ASSEMBLY, RG400/U, MHV MALE TO MHV MALE (LEAD FREE)
PE34433LF PASTERNACK-PE34433LF Datasheet
275Kb / 1P
CABLE ASSEMBLY, RG316/U, MHV MALE TO MHV MALE(LEAD FREE)
PE3735 PASTERNACK-PE3735 Datasheet
264Kb / 1P
CABLE ASSEMBLY, RG214/U,MHV MALE TO MHV MALE
PE3098LF PASTERNACK-PE3098LF Datasheet
248Kb / 1P
cable assembly, rg8a/u, mhv male to mhv male(lead free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com