Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT4436 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4436
Description  ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4436 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4436 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4436 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4436 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4436 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4436 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4436 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4436 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Aeroflex Circuit Technology
SCD4436D REV B 3/10/98/98 Plainview NY (516) 694-6700
4
Electrical Characteristics — Receiver Section
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Receiver Input Voltage Range
(See Figure 5, Point B)
TXFMR
1.4:1
VIDR
40
VP-P
Common Mode Rejection Ratio (Note 3)
CMRR
45
dB
"1" State – Rx Data or Rx Data Output
IOH = -0.4 mA
VOH
2.5
3.7
V
"0" State – Rx Data or Rx Data Output
IOI = 4 mA
VOL
0.35
0.5
V
Delay (average) from Differential Input Zero
Crossings to RX DATA and RX DATA Output
50% points
tDXT
270
400
nS
Input Threshold Voltage (referred to the bus)
100KHz–1MHz
VTH
0.60
0.75
1.15
VP-P
Strobe Characteristics (Logic "0" Inhibits Output)
"0" Input Current
VS=0.4V
IIL
-0.1
-0.2
mA
"1" Input Current
VS=2.7V
IIH
1
+40
µA
"0" Input Voltage
VIL
0.7
V
"1" Input Voltage
VIH
2.0
V
Strobe Delay (Turn-on or Turn-off)
tSD
50
100
nS
Power Data
Power Supply Currents – Per Channel – See Figure 4
Transmitter Standby
ICC
IEE
IL
0
12
18
1
16
30
mA
25% duty cycle
ICC
IEE
IL
45
12
18
50
20
30
50% duty cycle
ICC
IEE
IL
90
12
18
100
20
30
100% duty cycle
ICC
IEE
IL
180
12
18
200
20
30
Power Supply Voltages
±15V Operating Power Supply Voltage Range
VCC
VEE
+14.25
-14.25
+15.00
-15.00
+15.75
-15.75
V
+5V Operating Power Supply Voltage Range)
VL
+4.50
+5.00
+5.50
V
Note 1. Power on or off, measured from 75KHz to 1MHz at point A and transformer self impedance of 3K
Ω minimum
at 1MHz.
Note 2: Power Supplies: ±15 Volts ±0.75 V & +5 Volts ±0.5 V, bypassed by 10 µF (Tantalum recommended)
Capacitor minimum. All measurements & specifications apply over the temperature range of -55°C to +125°C
(case temperature) unless otherwise specified.
Note 3: When measured as shown per Figure 5 with ± 10 Volt peak, line to ground, DC to 2MHz
Note 4: Typical power is measured with V
BUS at point A = 7.5 VP-P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com