Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF128K32 Datasheet(PDF) 19 Page - Aeroflex Circuit Technology

Part # ACTF128K32
Description  ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF128K32 Datasheet(HTML) 19 Page - Aeroflex Circuit Technology

Back Button ACTF128K32 Datasheet HTML 12Page - Aeroflex Circuit Technology ACTF128K32 Datasheet HTML 13Page - Aeroflex Circuit Technology ACTF128K32 Datasheet HTML 14Page - Aeroflex Circuit Technology ACTF128K32 Datasheet HTML 15Page - Aeroflex Circuit Technology ACTF128K32 Datasheet HTML 16Page - Aeroflex Circuit Technology ACTF128K32 Datasheet HTML 17Page - Aeroflex Circuit Technology ACTF128K32 Datasheet HTML 18Page - Aeroflex Circuit Technology ACTF128K32 Datasheet HTML 19Page - Aeroflex Circuit Technology ACTF128K32 Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Aeroflex Circuit Technology
SCD1667 REV A 4/28/97 Plainview NY (516) 694-6700
19
Pin Numbers & Functions
68 Pins — CQFP Package
Pin#
Function
Pin#
Function
Pin#
Function
Pin#
Function
1
GND
18
GND
35
OE
52
GND
2
CE3
19
I/O8
36
CE2
53
I/O23
3
A5
20
I/O9
37
NC
54
I/O22
4
A4
21
I/O10
38
WE2
55
I/O21
5
A3
22
I/O11
39
WE3
56
I/O20
6
A2
23
I/O12
40
WE4
57
I/O19
7
A1
24
I/O13
41
NC
58
I/O18
8
A0
25
I/O14
42
NC
59
I/O17
9
NC
26
I/O15
43
NC
60
I/O16
10
I/O0
27
VCC
44
I/O31
61
VCC
11
I/O1
28
A11
45
I/O30
62
A10
12
I/O2
29
A12
46
I/O29
63
A9
13
I/O3
30
A13
47
I/O28
64
A8
14
I/O4
31
A14
48
I/O27
65
A7
15
I/O5
32
A15
49
I/O26
66
A6
16
I/O6
33
A16
50
I/O25
67
WE1
17
I/O7
34
CE1
51
I/O24
68
CE4
"F5" — Single-Cavity CQFP
Top View
All dimensions in inches
0.015
0.990 SQ
±.010
0.880 SQ
±.010
0.800 REF
0.050
See Detail “A”
TYP
±.010
Pin 60
Pin 44
Pin 43
Pin 27
Pin 26
Pin 10
Pin 9
Pin 61
Side View
0.946
±.010
0.160
MAX
Detail “A”
0.010
3°-3°
0.040
.010 R
0.010
±.005
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com