Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF512K32 Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # ACTF512K32
Description  ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF512K32 Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button ACTF512K32 Datasheet HTML 12Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 13Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 14Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 15Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 16Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 17Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 18Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 19Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
A
A
Aeroflex Circuit Technology
SCD1665 REV B 6/29/01 Plainview NY (516) 694-6700
20
Ordering Information
Model Number
DESC Drawing Number
Speed
Package
ACT–F512K32N–060P3Q
5962–9461205HXX*
60 ns
PGA
ACT–F512K32N–070P3Q
5962–9461204HXX
70 ns
PGA
ACT–F512K32N–090P3Q
5962–9461203HXX
90 ns
PGA
ACT–F512K32N–120P3Q
5962–9461202HXX
120 ns
PGA
ACT–F512K32N–150P3Q
5962–9461201HXX
150 ns
PGA
ACT–F512K32N–060P7Q
5962–9461205HUX*
60 ns
PGA
ACT–F512K32N–070P7Q
5962–9461204HUX
70 ns
PGA
ACT–F512K32N–090P7Q
5962–9461203HUX
90 ns
PGA
ACT–F512K32N–120P7Q
5962–9461202HUX
120 ns
PGA
ACT–F512K32N–150P7Q
5962–9461201HUX
150 ns
PGA
ACT–F512K32N–060F5Q
5962–9461205HMX*
60 ns
CQFP
ACT–F512K32N–070F5Q
5962–9461204HMX
70 ns
CQFP
ACT–F512K32N–090F5Q
5962–9461203HMX
90 ns
CQFP
ACT–F512K32N–120F5Q
5962–9461202HMX
120 ns
CQFP
ACT–F512K32N–150F5Q
5962–9461201HMX
150 ns
CQFP
* Pending
CIRCUIT TECHN OLOGY
Part Number Breakdown
ACT– F 512K 32 N– 090 F5 Q
Aeroflex Circuit
Technology
Memory Type
F = FLASH EEPROM
Memory Depth
Options
Memory Width, Bits
N = None
Memory Speed, ns
Package Type & Size
Surface Mount Packages
Thru-Hole Packages
F5 = .88"SQ 68 Lead
Single-Cavity CQFP
P3 = 1.075"SQ PGA 66 Pins W/O Shoulder
P7 = 1.075"SQ PGA 66 Pins With Shoulder
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screened
*
Q = MIL-PRF-38534 Compliant/SMD if applicable
Screening
* Screened to the individual test methods of MIL-STD-883
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
Specification subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com