Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT-RS128K32N-035P1I Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT-RS128K32N-035P1I
Description  RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-RS128K32N-035P1I Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  ACT-RS128K32N-035P1I Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1I Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1I Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1I Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1I Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1I Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Aeroflex Circuit Technology ACT-RS128K32
SCD3659 REV 3
12/17/98 Plainview NY (516) 694-6700
8
Ordering Information
Model Number
DESC Part Number
Speed
Package
ACT–RS128K32N–035F1Q
5962–TBD
35ns
1.56"sq CQFP
ACT–RS128K32N–035F2Q
5962–TBD
.88"sq CQFP
ACT–RS128K32N–035P1Q
5962–TBD
1.385"sq PGA-Type
ACT–RS128K32N–045F1Q
5962–TBD
45ns
1.56"sq CQFP
ACT–RS128K32N–045F2Q
5962–TBD
.88"sq CQFP
ACT–RS128K32N–045P1Q
5962–TBD
1.385"sq PGA-Type
ACT– RS 128K 32 N– 035 F2 M
Aeroflex Circuit
Model Number Breakdown
Technology
Memory Type
RS = Radiation Tolerant SRAM
Memory Depth, Locations
Options
Memory Width, Bits
N = None
Memory Speed, ns
Package Type & Size
Surface Mount Packages
Thru-Hole Packages
F1 = 1.56"SQ 68 Pin CQFP
P1 =1.385"SQ PGA 66 Pins
F2 = .88"SQ 68 Pin Dual-Cavity CQFP
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screened
*
Q = MIL-STD-883 Compliant/SMD if applicable
Screening
* Screened to the individual test methods of MIL-STD-883
CIRCUIT TECHNOLOGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
Specifications subject to change without notice
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com