Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT1995 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT1995 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD1995 REV A 11/21/01
Features
• Performs the Complete Dual-Redundant Remote Terminal, Bus Controller Protocol
and Passive Monitor Functions of MIL-STD-1553B
• MIL-PRF-38534 Compliant Circuits Available
• 50 mw Typical Power Consumption
• Small Size
• Available in Ceramic Plug-in Package Configuration
• Compatible with all ACT Driver/Receiver Units
• 5V DC Operation
• Full Military (-55°C to +125°C) Temperature Range
1
General Description
The CT1995 Series is a monolithic implementation of the MIL-STD-1553B Bus Controller, Remote
Terminal and Passive Monitor functions. All protocol functions of MIL-STD-1553B are incorporated and a
number of options are included to improve flexibility. These features include programming of the status
word, illegalizing specific commands and an independent loop back self-test which is initiated by the
subsystem. This unit is directly compatible with all transceivers and microprocessor interfaces such as the
CT1611 and CT1800 produced by Aeroflex Incorporated.
Encoder
Decoder
"O"
Decoder
"1"
Driver
Select
&
Enable
BUS "0"
BUS "1"
T/R
Hybrid
T/R
Hybrid
Internal
Highway
Control
Interface
Unit
Program
Sub Address
&
Word Count
Outputs
Discrete
Outputs
Control
Inputs
Terminal
Address
Inputs
Block Diagram (With Transformers)
CT1995
MIL-STD-1553B Remote Terminal, Bus Controller,
or Passive Monitor Hybrid with Status Word Control
CT1995 Series
Inputs
Status
Word
Control
CIRCUIT TECHNOLOGY
www.aeroflex.com


Similar Part No. - CT1995

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1990-1-20 AEROFLEX-CT1990-1-20 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1991-1-20 AEROFLEX-CT1991-1-20 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT1999-FP AEROFLEX-CT1999-FP Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
More results

Similar Description - CT1995

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
Data Bus (MIL-STD-1553B) Components
Revised 12-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com