| Electronic Components Datasheet Search |
|
ACT-RS128K32N-035P1Q Datasheet(PDF) 8 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT-RS128K32N-035P1Q Datasheet(HTML) 8 Page - Aeroflex Circuit Technology |
|
8 / 8 page ![]() Aeroflex Circuit Technology ACT-RS128K32 SCD3659 REV 3 12/17/98 Plainview NY (516) 694-6700 8 Ordering Information Model Number DESC Part Number Speed Package ACT–RS128K32N–035F1Q 5962–TBD 35ns 1.56"sq CQFP ACT–RS128K32N–035F2Q 5962–TBD .88"sq CQFP ACT–RS128K32N–035P1Q 5962–TBD 1.385"sq PGA-Type ACT–RS128K32N–045F1Q 5962–TBD 45ns 1.56"sq CQFP ACT–RS128K32N–045F2Q 5962–TBD .88"sq CQFP ACT–RS128K32N–045P1Q 5962–TBD 1.385"sq PGA-Type ACT– RS 128K 32 N– 035 F2 M Aeroflex Circuit Model Number Breakdown Technology Memory Type RS = Radiation Tolerant SRAM Memory Depth, Locations Options Memory Width, Bits N = None Memory Speed, ns Package Type & Size Surface Mount Packages Thru-Hole Packages F1 = 1.56"SQ 68 Pin CQFP P1 =1.385"SQ PGA 66 Pins F2 = .88"SQ 68 Pin Dual-Cavity CQFP C = Commercial Temp, 0°C to +70°C I = Industrial Temp, -40°C to +85°C T = Military Temp, -55°C to +125°C M = Military Temp, -55°C to +125°C, Screened * Q = MIL-STD-883 Compliant/SMD if applicable Screening * Screened to the individual test methods of MIL-STD-883 CIRCUIT TECHNOLOGY Aeroflex Circuit Technology 35 South Service Road Plainview New York 11803 Telephone: (516) 694-6700 FAX: (516) 694-6715 Toll Free Inquiries: (800) 843-1553 Specifications subject to change without notice www.aeroflex.com/act1.htm E-Mail: sales-act@aeroflex.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |