Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R4430PCF10MCM Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # R4430PCF10MCM
Description  A MIPS R4400 RISC Microprocessor Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

R4430PCF10MCM Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button R4430PCF10MCM Datasheet HTML 3Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 4Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 5Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 6Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 7Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 8Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 9Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 10Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
SCD4430 Rev A 11/18/96
ORDERING INFORMATION
Microprocessor Module Description
Part Number
R4430 Primary Cache, +3.3 Volt P.S. Flat Package
R4430PC F10 MCM
R4430 Primary Cache, +3.3 Volt P.S. PGA Package
R4430PC P10 MCM
R4430 1Meg Secondary Cache, +3.3 Volt P.S. Flat Package
R4430SC 1M F10 MCM
1.840
1.880
1.700
BSC
1.700
BSC
1.840
1.880
BSC
.100
.221
MAX
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
Bottom View
Side View
Alternate Package Figure — R4400PC — PGA 179 Pins
Specification subject to change without notice
“P10” Package
.018
.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com