Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PW136 Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW136
Description  PW136 SWITCH-MODE POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW136 Datasheet(HTML) 1 Page - SL Power Electronics

  PW136 Datasheet HTML 1Page - SL Power Electronics PW136 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2004 Ault Inc.
PW136 SWITCH-MODE
POWER SUPPLY
•
100-250 VAC Universal Input
•
Desktop / Wallmount Styles
•
Single Output Up to 60W
•
Regulated Output With Low Ripple
•
Meets Safety Agency Requirements
•
Complies With EMI/RFI Regulations
•
CE Compliant
•
Impact Resistant Polycarbonate Enclosure
•
Private Label Marking Available
•
3 Year Warranty
•
Modified and Custom Designs
Also Available
PW136
ITE 23-60 W ATT SERIES
PW136RA0351_01
3.3V
7.00
23.1
50mV
PW136RA0551_01
5V
6.00
30.0
50mV
PW136RA0751_01
7V
5.50
38.5
70mV
PW136RA0951_01
9V
5.50
49.5
100mV
PW136RA1203_01
12V
5.00
60.0
120mV
PW136RA1503_01
15V
4.00
60.0
150mV
PW136RA1803_01
18V
3.33
60.0
180mV
PW136RA2403_01
24V
2.50
60.0
240mV
PW136RA4803_01
48V
1.25
60.0
480mV
Voltage
Max
Max
Ripple
Ault Part No.
DC
Amps
Watts
p-p Max
PW136
PW136 R
A
05
51
__
01
Product
Manufacturing
Design
Voltage
Connector
Input
Standard (no
Family
Location
Revision
DC
Configuration/
modifications,
Name
(volume
Changes
Model Type
special artwork
dependent)
(see pg. 2)
or special
packaging)
Ault Part No. Key
Ault Part No. Key
Photo shows Ault #3 Connector


Similar Part No. - PW136

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW132 SLPOWER-PW132 Datasheet
134Kb / 2P
PW132 SWITCH-MODE POWER SUPPLY
PW132RA1251F01 SLPOWER-PW132RA1251F01 Datasheet
134Kb / 2P
PW132 SWITCH-MODE POWER SUPPLY
PW132RA1551F01 SLPOWER-PW132RA1551F01 Datasheet
134Kb / 2P
PW132 SWITCH-MODE POWER SUPPLY
PW132RA2403F01 SLPOWER-PW132RA2403F01 Datasheet
134Kb / 2P
PW132 SWITCH-MODE POWER SUPPLY
PW132RA4803F01 SLPOWER-PW132RA4803F01 Datasheet
134Kb / 2P
PW132 SWITCH-MODE POWER SUPPLY
More results

Similar Description - PW136

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
Switch Mode Power Supply
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
Switch Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com