Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT-5261PC-266F24Q Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT-5261PC-266F24Q
Description  ACT 5261 64-Bit Superscaler Microprocessor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-5261PC-266F24Q Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT-5261PC-266F24Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-5261PC-266F24Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-5261PC-266F24Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-5261PC-266F24Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-5261PC-266F24Q Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aeroflex Circuit Technology
SCD5261 REV 1 12/22/98 Plainview NY (516) 694-6700
4
ACT5261 Microprocessor CQFP Pinouts – "F17"
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
Vcc (3.3V)
53
NC
105
Vcc (3.3V)
157
NC
2
NC
54
NC
106
NMI*
158
NC
3
NC
55
NC
107
ExtRqst*
159
NC
4
Vcc (3.3V)
56
Vcc (3.3V)
108
Reset*
160
NC
5
Vss
57
Vss
109
ColdReset*
161
Vcc (3.3V)
6
SysAD4
58
ModeIn
110
VccOK
162
Vss
7
SysAD36
59
RdRdy*
111
BigEndian
163
SysAD28
8
SysAD5
60
WrRdy*
112
Vcc (3.3V)
164
SysAD60
9
SysAD37
61
ValidIn*
113
Vss
165
SysAD29
10
Vcc (2.5V)
62
ValidOut*
114
SysAD16
166
SysAD61
11
Vss
63
Release*
115
SysAD48
167
Vcc (2.5V)
12
SysAD6
64
VccP
116
Vcc (2.5V)
168
Vss
13
SysAD38
65
VssP
117
Vss
169
SysAD30
14
Vcc (3.3V)
66
SysClock
118
SysAD17
170
SysAD62
15
Vss
67
Vcc (2.5V)
119
SysAD49
171
Vcc (3.3V)
16
SysAD7
68
Vss
120
SysAD18
172
Vss
17
SysAD39
69
Vcc (3.3V)
121
SysAD50
173
SysAD31
18
SysAD8
70
Vss
122
Vcc (3.3V)
174
SysAD63
19
SysAD40
71
Vcc (2.5V)
123
Vss
175
SysADC2
20
Vcc (2.5V)
72
Vss
124
SysAD19
176
SysADC6
21
Vss
73
SysCmd0
125
SysAD51
177
Vcc (2.5V)
22
SysAD9
74
SysCmd1
126
Vcc (2.5V)
178
Vss
23
SysAD41
75
SysCmd2
127
Vss
179
SysADC3
24
Vcc (3.3V)
76
SysCmd3
128
SysAD20
180
SysADC7
25
Vss
77
Vcc (3.3V)
129
SysAD52
181
Vcc (3.3V)
26
SysAD10
78
Vss
130
SysAD21
182
Vss
27
SysAD42
79
SysCmd4
131
SysAD53
183
SysADC0
28
SysAD11
80
SysCmd5
132
Vcc (3.3V)
184
SysADC4
29
SysAD43
81
Vcc (3.3V)
133
Vss
185
Vcc (2.5V)
30
Vcc (2.5V)
82
Vss
134
SysAD22
186
Vss
31
Vss
83
SysCmd6
135
SysAD54
187
SysADC1
32
SysAD12
84
SysCmd7
136
Vcc (2.5V)
188
SysADC5
33
SysAD44
85
SysCmd8
137
Vss
189
SysAD0
34
Vcc (3.3V)
86
SysCmdP
138
SysAD23
190
SysAD32
35
Vss
87
Vcc (2.5V)
139
SysAD55
191
Vcc (3.3V)
36
SysAD13
88
Vss
140
SysAD24
192
Vss
37
SysAD45
89
Vcc (2.5V)
141
SysAD56
193
SysAD1
38
SysAD14
90
Vss
142
Vcc (3.3V)
194
SysAD33
39
SysAD46
91
Vcc (3.3V)
143
Vss
195
Vcc (2.5V)
40
Vcc (2.5V)
92
Vss
144
SysAD25
196
Vss
41
Vss
93
Int0*
145
SysAD57
197
SysAD2
42
SysAD15
94
Int1*
146
Vcc (2.5V)
198
SysAD34
43
SysAD47
95
Int2*
147
Vss
199
SysAD3
44
Vcc (3.3V)
96
Int3*
148
SysAD26
200
SysAD35
45
Vss
97
Int4*
149
SysAD58
201
Vcc (3.3V)
46
ModeClock
98
Int5*
150
SysAD27
202
Vss
47
JTDO
99
Vcc (3.3V)
151
SysAD59
203
NC
48
JTDI
100
Vss
152
Vcc (3.3V)
204
NC
49
JTCK
101
NC
153
Vss
205
NC
50
JTMS
102
NC
154
NC
206
NC
51
Vcc (3.3V)
103
NC
155
NC
207
Vcc (3.3V)
52
Vss
104
NC
156
Vss
208
Vss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com