Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ERT801-S Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # ERT801-S
Description  Industry Standard PLCC SMT package Available in multiple colors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ERT801-S Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button ERT801-S Datasheet HTML 5Page - Seoul Semiconductor ERT801-S Datasheet HTML 6Page - Seoul Semiconductor ERT801-S Datasheet HTML 7Page - Seoul Semiconductor ERT801-S Datasheet HTML 8Page - Seoul Semiconductor ERT801-S Datasheet HTML 9Page - Seoul Semiconductor ERT801-S Datasheet HTML 10Page - Seoul Semiconductor ERT801-S Datasheet HTML 11Page - Seoul Semiconductor ERT801-S Datasheet HTML 12Page - Seoul Semiconductor ERT801-S Datasheet HTML 13Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev. 00
Rev. 00
September 2010
September 2010
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC-QP-7-07-24 (Rev.00)
9. soldering
Lead Solder
Pre-heat
120~150℃
Pre-heat time
120 sec. Max.
Peak-Temperature
240℃ Max.
Soldering time Condition
10 sec. Max.
Lead Free Solder
Pre-heat
150~200℃
Pre-heat time
120 sec. Max.
Peak-Temperature
260℃ Max.
Soldering time Condition
10 sec. Max.
Lead Solder
2.5~5 C / sec.
o
o
o
Pre-heating
120~150 C
120sec. Max.
60sec. Max.
Above 200 C
o
240 C Max.
10 sec. Max.
2.5~5 C / sec.
260 C Max.
10 sec. Max.
o
60sec. Max.
Above 220 C
120sec. Max.
Pre-heating
150~200
C
1~5 C / sec.
o
o
o
o
1~5 C / sec.
Lead-frame Solder
(1) Lead Solder
(2) Lead-Free Solder
Note : In case that the soldered products are reused in soldering process, we don’t guarantee the products.
(3) Hand Soldering conditions
Do not exceed 4 seconds at maximum 315ºC under soldering iron.
(4) The encapsulated material of the LEDs is silicone.
Precautions should be taken to avoid the strong pressure on the encapsulated part.
So when using the chip mounter, the picking up nozzle that does not affect the silicone
resign should be used.
(5) It is recommended that the customer use the nitrogen reflow method.
(6) Repairing should not be done after the LEDs have been soldered.
(7) Reflow soldering should not be done more than two times.
In the case of more than 24 hours passed soldering after first, LEDs will be damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com