Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW7T16A Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # STW7T16A
Description  White colored SMT package Pb-free Reflow Soldering Application
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7T16A Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button STW7T16A Datasheet HTML 2Page - Seoul Semiconductor STW7T16A Datasheet HTML 3Page - Seoul Semiconductor STW7T16A Datasheet HTML 4Page - Seoul Semiconductor STW7T16A Datasheet HTML 5Page - Seoul Semiconductor STW7T16A Datasheet HTML 6Page - Seoul Semiconductor STW7T16A Datasheet HTML 7Page - Seoul Semiconductor STW7T16A Datasheet HTML 8Page - Seoul Semiconductor STW7T16A Datasheet HTML 9Page - Seoul Semiconductor STW7T16A Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SSC- QP- 7- 07- 24 (Rev.00)
Rev.04
Rev.04
December 2011
December 2011
www.seoulsemicon.com
www.seoulsemicon.com
4. Optical characteristics
Relative Light Output
vs. Junction Temperature
I
F=60mA
Forward Voltage Shift
vs. Junction Temperature
I
F=60mA
Spectrum
Ta=25
℃, I
F=60mA
300
400
500
600
700
800
0.0
0.5
1.0
Wavelength [nm]
3 0
4 5
6 0
7 5
9 0
1 0 5
1 2 0
0 .0
0 .2
0 .4
0 .6
0 .8
1 .0
Ju n ctio n te m p e ra tu re T j(
O C)
30
45
60
75
90
105
120
0.0
0.2
0.4
0.6
0.8
1.0
Junction tem perature Tj(
O C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com